Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ30 Datasheet(PDF) 1 Page - Transys Electronics

Part # P4SMAJ30
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

P4SMAJ30 Datasheet(HTML) 1 Page - Transys Electronics

  P4SMAJ30 Datasheet HTML 1Page - Transys Electronics P4SMAJ30 Datasheet HTML 2Page - Transys Electronics P4SMAJ30 Datasheet HTML 3Page - Transys Electronics P4SMAJ30 Datasheet HTML 4Page - Transys Electronics P4SMAJ30 Datasheet HTML 5Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P4SMAJ SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE - 5.0 TO 170 Volts
400Watt Peak Power Pulse
FEATURES
l
For surface mounted applications in order to
optimize board space
l
Low profile package
l
Built-in strain relief
l
Glass passivated junction
l
Low inductance
l
Excellent clamping capability
l
Repetition Rate(duty cycle):0.01%
l
Fast response time: typically less than
1.0 ps from 0 volts to BV for undirectional types
l
Typical ID less than 1 A above 10V
l
High temperature soldering :
250 /10 seconds at terminals
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
MECHANICAL DATA
Case: JEDEC DO-214AC low profile molded plastic
Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity: Indicated by cathode band except bi-directional types
Weight: 0.002 ounces, 0.064 gram
Standard packaging:12 mm tape per(EIA 481)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation at TA=25 , Fig. 1 (Note 1,2,5)
PPPM
Minimum 400
Watts
Peak forward Surge Current per Fig. 5 (Note 3)
IFSM
40.0
Amps
Peak Pulse Current current on 10/1000 s waveform
(Note 1,Fig 2)
IPPM
See Table 1
Amps
Steady State Power Dissipation (Note 4)
PM(AV)
1.0
Watts
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to +150
NOTES:
1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25 per Fig. 2.
2.Mounted on 5.0mm
2 copper pads to each terminal.
3.8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum.
SMA/DO-214AC


Similar Part No. - P4SMAJ30

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ30 PANJIT-P4SMAJ30 Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
SUNMATE electronic Co.,...
P4SMAJ30 SUNMATE-P4SMAJ30 Datasheet
727Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Pan Jit International I...
P4SMAJ30 PANJIT-P4SMAJ30 Datasheet
179Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
SUNMATE electronic Co.,...
P4SMAJ30 SUNMATE-P4SMAJ30 Datasheet
727Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Surge Components
P4SMAJ30 SURGE-P4SMAJ30 Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
More results

Similar Description - P4SMAJ30

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com