Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B84144A0090R120 Datasheet(PDF) 3 Page - EPCOS

Part # B84144A0090R120
Description  4−line filters for converters and power electronics
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84144A0090R120 Datasheet(HTML) 3 Page - EPCOS

  B84144A0090R120 Datasheet HTML 1Page - EPCOS B84144A0090R120 Datasheet HTML 2Page - EPCOS B84144A0090R120 Datasheet HTML 3Page - EPCOS B84144A0090R120 Datasheet HTML 4Page - EPCOS B84144A0090R120 Datasheet HTML 5Page - EPCOS B84144A0090R120 Datasheet HTML 6Page - EPCOS B84144A0090R120 Datasheet HTML 7Page - EPCOS B84144A0090R120 Datasheet HTML 8Page - EPCOS B84144A0090R120 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
4−line filters
B84144A0008...A0200R120
for converters and power electronics
Typical circuit diagram
LINE
LOAD
L1
N
L3
L2
L1’
N’
L3’
L2’
Technical data and measuring conditions
Rated voltage
UR
520/300
V AC
Rated frequency
fR
50/60
Hz
Test voltage line to line for 2 s
Utest
2240
V DC
Test voltage line to case for 2 s
Utest
2720
V DC
Rated temperature
TR
50
°C
Overload capability (thermal)
for 3 min per hour or
for 30 s per hour
1.5 x IR
2.5 x IR
Climatic category (IEC 60068−1)
25/100/21
Please read and Cautions and warnings and
Important notes at the end of this document.
Page 3 of 15
B84143-A*-R120-09-7659


Similar Part No. - B84144A0090R120

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84144A0016R000 EPCOS-B84144A0016R000 Datasheet
328Kb / 16P
   4-line EMC filters
B84144A0025R000 EPCOS-B84144A0025R000 Datasheet
328Kb / 16P
   4-line EMC filters
B84144A0036R000 EPCOS-B84144A0036R000 Datasheet
328Kb / 16P
   4-line EMC filters
B84144A0050R000 EPCOS-B84144A0050R000 Datasheet
328Kb / 16P
   4-line EMC filters
B84144A0080R000 EPCOS-B84144A0080R000 Datasheet
328Kb / 16P
   4-line EMC filters
More results

Similar Description - B84144A0090R120

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84143A0035R410 EPCOS-B84143A0035R410 Datasheet
321Kb / 14P
   3−line filters for converters and power electronics
B84143D0XXXR127 EPCOS-B84143D0XXXR127 Datasheet
544Kb / 17P
   3−line filters for converters and power electronics
B84144 EPCOS-B84144 Datasheet
261Kb / 13P
   4-Line Filters for Converters and Power Electronics
B84143V0095R290 EPCOS-B84143V0095R290 Datasheet
2Mb / 11P
   3−line sine−wave EMC output filters for converters and power electronics
B84143-A8-R EPCOS-B84143-A8-R Datasheet
178Kb / 9P
   3-Line Filters for Converters and Power Electronics
B84143-B150-S20 EPCOS-B84143-B150-S20 Datasheet
220Kb / 9P
   3-Line Filters for Converters and Power Electronics
B84143A0025R021 EPCOS-B84143A0025R021 Datasheet
269Kb / 12P
   3-line filters for converters and power electronics
B84143-G-R110 EPCOS-B84143-G-R110 Datasheet
236Kb / 8P
   3-Line Filters for Converters and Power Electronics
B84143-A6-R206 EPCOS-B84143-A6-R206 Datasheet
170Kb / 6P
   3-Line Filters for Converters and Power Electronics
B84143-A25-R21 EPCOS-B84143-A25-R21 Datasheet
188Kb / 7P
   3-Line Filters for Converters and Power Electronics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com