Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B84143V0320R290 Datasheet(PDF) 3 Page - EPCOS

Part # B84143V0320R290
Description  3−line sine−wave EMC output filters for converters and power electronics
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84143V0320R290 Datasheet(HTML) 3 Page - EPCOS

  B84143V0320R290 Datasheet HTML 1Page - EPCOS B84143V0320R290 Datasheet HTML 2Page - EPCOS B84143V0320R290 Datasheet HTML 3Page - EPCOS B84143V0320R290 Datasheet HTML 4Page - EPCOS B84143V0320R290 Datasheet HTML 5Page - EPCOS B84143V0320R290 Datasheet HTML 6Page - EPCOS B84143V0320R290 Datasheet HTML 7Page - EPCOS B84143V0320R290 Datasheet HTML 8Page - EPCOS B84143V0320R290 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3−line sine−wave EMC output filters
B84143V*R290
for converters and power electronics
Typical circuit diagram
converter
motor
U1
V1
W1
U2
V2
W2
Technical data and measuring conditions
Rated voltage UR
760 VAC
Rated current IR
Referred to 40
°C ambient temperature
Test voltage UP
2200 V DC, 2 s (line/line)
2800 V DC, 2 s (line/case)
Frequency
Motor
Pulse (Switch)
0 − 100 Hz
4−8 kHz; (320 A: 2,5−3 kHz)
Overload capability
1.5 @ IR for 60 s per hour
Max. dv/dt on Filter input
5 kV/
µs
Convection distance to other
devices
See page 5
Climatic category
In accordance with EN 60068−1
25/100/21 (−25
°C/ +100 °C/ 21 days damp heat test)
Vibration (Sine)
Shock (half sine)
According to DIN IEC60068−2−6
10 cycle, 1 Oct./min., 3−13 Hz: 3 mm,13−200 Hz: 1 g
15 g, 11 ms, 3 axis, 3 shocks per direction 18 total
Current (IR) derating depending on
altitude
From 1000−4000 m 5 % / 1000 m
Current (IR) derating depending on
ambient temperature
From 40−60
°C
10 % / 5
°C
Temperature *
Inside iron−choke 130 _C; housing 70 _C
Noise *
72 dB(A)
*) see cautions and warnings
Please read Important notes and Cautions and
warnings at the end of this document.
Page 3 of 11
B84143−V*−R147−01−7659
&
SineFormer %


Similar Part No. - B84143V0320R290

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84143V0320R227 EPCOS-B84143V0320R227 Datasheet
224Kb / 9P
   3-line filters Sine-wave output filter
More results

Similar Description - B84143V0320R290

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84143V0011R127 EPCOS-B84143V0011R127 Datasheet
907Kb / 9P
   3-line sine-wave EMC output filters for converters and power electronics -SineFormer-
B84143A0035R410 EPCOS-B84143A0035R410 Datasheet
321Kb / 14P
   3−line filters for converters and power electronics
B84143D0XXXR127 EPCOS-B84143D0XXXR127 Datasheet
544Kb / 17P
   3−line filters for converters and power electronics
B84144A0008R120 EPCOS-B84144A0008R120 Datasheet
250Kb / 15P
   4−line filters for converters and power electronics
B84143-V6-R27 EPCOS-B84143-V6-R27 Datasheet
183Kb / 5P
   3-Line Filters Sine-Wave Output Filters
B84143-A8-R EPCOS-B84143-A8-R Datasheet
178Kb / 9P
   3-Line Filters for Converters and Power Electronics
B84143-B150-S20 EPCOS-B84143-B150-S20 Datasheet
220Kb / 9P
   3-Line Filters for Converters and Power Electronics
B84143A0025R021 EPCOS-B84143A0025R021 Datasheet
269Kb / 12P
   3-line filters for converters and power electronics
B84143-G-R110 EPCOS-B84143-G-R110 Datasheet
236Kb / 8P
   3-Line Filters for Converters and Power Electronics
B84143-A6-R206 EPCOS-B84143-A6-R206 Datasheet
170Kb / 6P
   3-Line Filters for Converters and Power Electronics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com