Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B84143G0020R110 Datasheet(PDF) 5 Page - EPCOS

Part # B84143G0020R110
Description  EMC filters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84143G0020R110 Datasheet(HTML) 5 Page - EPCOS

  B84143G0020R110 Datasheet HTML 1Page - EPCOS B84143G0020R110 Datasheet HTML 2Page - EPCOS B84143G0020R110 Datasheet HTML 3Page - EPCOS B84143G0020R110 Datasheet HTML 4Page - EPCOS B84143G0020R110 Datasheet HTML 5Page - EPCOS B84143G0020R110 Datasheet HTML 6Page - EPCOS B84143G0020R110 Datasheet HTML 7Page - EPCOS B84143G0020R110 Datasheet HTML 8Page - EPCOS B84143G0020R110 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
3-line filters
B84143G*R110
for converters and power electronics
Dimensional drawings
B84143G0008R110, B84143G0020R110, B84143G0025R110 (8 A to 25 A)
50
300±10
Wire end ferrule
PE M6 x 24
200
Litz wire
Litz wire markings
230
Terminal blocks 4 mm 2
Marking
LOAD
LINE
Tightening torque 0.6 ... 0.8 Nm
215±0.5
PE
L3
L2
L1
PE
L3’
L2’
L1’
SSB2188-F-E
B84143G0036R110 (36 A)
400±10
PE M6 x 24
250
Litz wire
Wire end ferrule
60
Litz wire markings
Tightening torque 1.5 ... 1.8 Nm
280
265±0.5
Marking
LOAD
LINE
L3
PE
L1
L2
L3’
PE
L2’
L1’
Terminal blocks 6 mm 2
SSB2190-R-E
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
5


Similar Part No. - B84143G0020R110

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84143-A12-R EPCOS-B84143-A12-R Datasheet
178Kb / 9P
   3-Line Filters for Converters and Power Electronics
B84143-A12-R206 EPCOS-B84143-A12-R206 Datasheet
170Kb / 6P
   3-Line Filters for Converters and Power Electronics
B84143-A120-R EPCOS-B84143-A120-R Datasheet
178Kb / 9P
   3-Line Filters for Converters and Power Electronics
B84143-A120-R21 EPCOS-B84143-A120-R21 Datasheet
188Kb / 7P
   3-Line Filters for Converters and Power Electronics
B84143-A150-R EPCOS-B84143-A150-R Datasheet
178Kb / 9P
   3-Line Filters for Converters and Power Electronics
More results

Similar Description - B84143G0020R110

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
   EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
   EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
   EMC filters
B84142AR122 EPCOS-B84142AR122 Datasheet
246Kb / 12P
   EMC filters
B84112BB60 EPCOS-B84112BB60 Datasheet
134Kb / 11P
   EMC Filters
B84102K0030 EPCOS-B84102K0030 Datasheet
120Kb / 6P
   EMC filters
B84103S0001A010 EPCOS-B84103S0001A010 Datasheet
129Kb / 7P
   EMC filters
B84111A0000A010 EPCOS-B84111A0000A010 Datasheet
167Kb / 9P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com