Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CLED02 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8CLED02
Description  EZ-Color??HB LED Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED02 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8CLED02_10 Datasheet HTML 6Page - Cypress Semiconductor CY8CLED02_10 Datasheet HTML 7Page - Cypress Semiconductor CY8CLED02_10 Datasheet HTML 8Page - Cypress Semiconductor CY8CLED02_10 Datasheet HTML 9Page - Cypress Semiconductor CY8CLED02_10 Datasheet HTML 10Page - Cypress Semiconductor CY8CLED02_10 Datasheet HTML 11Page - Cypress Semiconductor CY8CLED02_10 Datasheet HTML 12Page - Cypress Semiconductor CY8CLED02_10 Datasheet HTML 13Page - Cypress Semiconductor CY8CLED02_10 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
CY8CLED02
Document Number: 001-13704 Rev. *C
Page 10 of 39
Register Reference
Register Conventions
This section lists the registers of the CY8CLED02 EZ-Color
device.
The register conventions specific to this section are listed in the
following table.
Register Mapping Tables
The device has a total register address space of 512 bytes. The
register space is referred to as I/O space and is divided into two
banks. The XOI bit in the Flag register (CPU_F) determines
which bank the user is currently in. When the XOI bit is set the
user is in Bank 1.
Note In the following register mapping tables, blank fields are
Reserved and should not be accessed.
Table 6. Register Conventions
Convention
Description
R
Read register or bit(s)
W
Write register or bit(s)
L
Logical register or bit(s)
C
Clearable register or bit(s)
#
Access is bit specific
Table 7. Register Map Bank 0: User Space
PRT0DR
00
RW
40
ASE10CR0
80
RW
C0
PRT0IE
01
RW
41
81
C1
PRT0GS
02
RW
42
82
C2
PRT0DM2
03
RW
43
83
C3
PRT1DR
04
RW
44
ASE11CR0
84
RW
C4
PRT1IE
05
RW
45
85
C5
PRT1GS
06
RW
46
86
C6
PRT1DM2
07
RW
47
87
C7
08
48
88
C8
09
49
89
C9
0A
4A
8A
CA
0B
4B
8B
CB
0C
4C
8C
CC
0D
4D
8D
CD
0E
4E
8E
CE
0F
4F
8F
CF
10
50
90
D0
11
51
91
D1
12
52
92
D2
13
53
93
D3
14
54
94
D4
15
55
95
D5
16
56
96
I2C_CFG
D6
RW
17
57
97
I2C_SCR
D7
#
18
58
98
I2C_DR
D8
RW
19
59
99
I2C_MSCR D9
#
1A
5A
9A
INT_CLR0
DA
RW
1B
5B
9B
INT_CLR1
DB
RW
1C
5C
9C
DC
1D
5D
9D
INT_CLR3
DD
RW
1E
5E
9E
INT_MSK3
DE
RW
1F
5F
9F
DF
DBB00DR0
20
#
AMX_IN
60
RW
A0
INT_MSK0
E0
RW
DBB00DR1
21
W
61
A1
INT_MSK1
E1
RW
Blank fields are Reserved and should not be accessed.
# Access is bit specific.
[+] Feedback


Similar Part No. - CY8CLED02_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED02D01 CYPRESS-CY8CLED02D01 Datasheet
1Mb / 52P
   PowerPSoC Intelligent LED Driver
CY8CLED02D01 CYPRESS-CY8CLED02D01 Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
CY8CLED02D01 CYPRESS-CY8CLED02D01 Datasheet
1Mb / 55P
   PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
CY8CLED02D01-56LTXI CYPRESS-CY8CLED02D01-56LTXI Datasheet
1Mb / 52P
   PowerPSoC Intelligent LED Driver
CY8CLED02D01-56LTXI CYPRESS-CY8CLED02D01-56LTXI Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
More results

Similar Description - CY8CLED02_10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED08 CYPRESS-CY8CLED08_10 Datasheet
1Mb / 44P
   EZ-Color??HB LED Controller
CY8CLED16 CYPRESS-CY8CLED16_10 Datasheet
1Mb / 43P
   EZ-Color??HB-LED Controller
CY8CLED16 CYPRESS-CY8CLED16 Datasheet
1Mb / 39P
   EZ-Color??HB LED Controller
CY8CLED04 CYPRESS-CY8CLED04 Datasheet
1Mb / 33P
   EZ-Color??HB LED Controller
CY8CLED08 CYPRESS-CY8CLED08 Datasheet
1Mb / 37P
   EZ-Color??HB LED Controller
CY8CLED04 CYPRESS-CY8CLED04_10 Datasheet
996Kb / 37P
   EZ-Color??HB LED Controller
CY8CLED08 CYPRESS-CY8CLED08_11 Datasheet
615Kb / 52P
   EZ-Color??HB LED Controller Binning compensation
CY8CLED16_1106 CYPRESS-CY8CLED16_1106 Datasheet
648Kb / 53P
   EZ-Color HB LED Controller Visual embedded design Binning compensation
logo
Maxim Integrated Produc...
MAX25611A MAXIM-MAX25611A Datasheet
1Mb / 25P
   Automotive High-Voltage HB LED Controller
Rev 1; 1/19
logo
Shenzhen Huazhimei Semi...
HM2803 HMSEMI-HM2803 Datasheet
1Mb / 8P
   HB-LED driver chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com