Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC11EH224404 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC11EH224404
Description  11mm Size Metal Shaft Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC11EH224404 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC11EH224404 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC11EH224404 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC11EH224404 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC11EH224404 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. EC11EH224404 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. EC11EH224404 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. EC11EH224404 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. EC11EH224404 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. EC11EH224404 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Incremental
Type
Absolute
Type
181
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
11mm Size Metal Shaft Type
EC11 Series
Product Line
Horizontal
Vertical
Flat
20
Without
Without
With
With
15,000
0.5
1.5
0.5
1.5
12
±7
10
±7
7
+3
−4
10
±7
7
+3
−4
10
±7
7
+3
−4
10
±7
7
+3
−4
10
±7
7
+3
−4
10
±7
7
+3
−4
1
2
3
4
5
700
1,200
15
30
9
15
18
9
15
18
9
15
18
18
30
Without
36
Without
18
30
Without
36
Without
18
30
Without
36
Without
EC11B15202AA
EC11B15242AE
EC11B15242AF
EC11E09204A4
EC11E15204A3
EC11E1530401
EC11E1820402
EC11E1830401
EC11E09244BS
EC11E15244G1
EC11E153440D
EC11E18244AE
EC11E1834404
EC11E09244AQ
EC11E15244B2
EC11E1534408
EC11E18244A5
EC11E1834403
Product No.
Drawing
No.
Minimum
order unit
(pcs.)
Number
of detent
Number
of pulse
Actuator
configuration
Structure
Actuator
length
(mm)
Push-on
switch
Travel of push-on
switch
(mm)
Operating
life
(cycles)
Torque
(mN・m)
Compact and highly reliable type available in many varieties.
Encoder
10mA 5V DC
15,000cycles
EC11EH:30,000cycles
Rating
Items
Specifications
Operating life
Typical Specifications


Similar Part No. - EC11EH224404

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11E ALPS-EC11E Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
EC11E09204A4 ALPS-EC11E09204A4 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
logo
List of Unclassifed Man...
EC11E09204A4 ETC-EC11E09204A4 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
logo
ALPS ELECTRIC CO.,LTD.
EC11E09244AQ ALPS-EC11E09244AQ Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
logo
List of Unclassifed Man...
EC11E09244AQ ETC-EC11E09244AQ Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - EC11EH224404

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC11 ALPS-EC11_15 Datasheet
1Mb / 14P
   11mm Size Metal Shaft Type
EM11B ALPS-EM11B Datasheet
842Kb / 4P
   11mm Size Metal Shaft Magnetic Type
RK119 ALPS-RK119 Datasheet
313Kb / 6P
   11mm Size Metal Shaft Reflow Type
logo
HOKURIKU ELECTRIC INDUS...
ES11MH227S2 HOKURIKU-ES11MH227S2 Datasheet
128Kb / 1P
   Metal Shaft Encoder 11mm Size Type
logo
ALPS ELECTRIC CO.,LTD.
RK117 ALPS-RK117 Datasheet
277Kb / 5P
   11mm Size Metal Shaft Low-profile Type
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
logo
List of Unclassifed Man...
RK117 ETC1-RK117 Datasheet
128Kb / 5P
   11mm Size Metal Shaft Low-profile Potentiometer
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
EC20A ALPS-EC20A Datasheet
273Kb / 3P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com