Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B84143B0230R410 Datasheet(PDF) 8 Page - EPCOS

Part # B84143B0230R410
Description  3−line filters for converters and power electronics
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84143B0230R410 Datasheet(HTML) 8 Page - EPCOS

Back Button B84143B0230R410 Datasheet HTML 4Page - EPCOS B84143B0230R410 Datasheet HTML 5Page - EPCOS B84143B0230R410 Datasheet HTML 6Page - EPCOS B84143B0230R410 Datasheet HTML 7Page - EPCOS B84143B0230R410 Datasheet HTML 8Page - EPCOS B84143B0230R410 Datasheet HTML 9Page - EPCOS B84143B0230R410 Datasheet HTML 10Page - EPCOS B84143B0230R410 Datasheet HTML 11Page - EPCOS B84143B0230R410 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
3−line filters
B84143A*R410, B84143B*R410
for converters and power electronics
B84143A0150R410, B84143A0200R410, B84143A0230R410
PE M10 x 38
Tightening torque 10$1mm
PE M10 x 38
Tightening torque 10$1mm
Terminals 95mm2
Tightening torque 15−20Nm
Terminals 95mm2
Tightening torque 15−20Nm
Marking
All dimensions in mm
Load
Line
Please read Important notes and Cautions and
warnings at the end of this document.
Page 8 of 14
B84143−*−R410−02−7659


Similar Part No. - B84143B0230R410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84143B0200R110 EPCOS-B84143B0200R110 Datasheet
271Kb / 12P
   EMC filters
B84143B0250S020 EPCOS-B84143B0250S020 Datasheet
258Kb / 13P
   EMC filters
B84143B0250S021 EPCOS-B84143B0250S021 Datasheet
258Kb / 13P
   EMC filters
B84143B0250S024 EPCOS-B84143B0250S024 Datasheet
258Kb / 13P
   EMC filters
B84143B0250S080 EPCOS-B84143B0250S080 Datasheet
183Kb / 11P
   EMC filters
More results

Similar Description - B84143B0230R410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84143D0XXXR127 EPCOS-B84143D0XXXR127 Datasheet
544Kb / 17P
   3−line filters for converters and power electronics
B84144A0008R120 EPCOS-B84144A0008R120 Datasheet
250Kb / 15P
   4−line filters for converters and power electronics
B84143V0095R290 EPCOS-B84143V0095R290 Datasheet
2Mb / 11P
   3−line sine−wave EMC output filters for converters and power electronics
B84143-A8-R EPCOS-B84143-A8-R Datasheet
178Kb / 9P
   3-Line Filters for Converters and Power Electronics
B84143-B150-S20 EPCOS-B84143-B150-S20 Datasheet
220Kb / 9P
   3-Line Filters for Converters and Power Electronics
B84143A0025R021 EPCOS-B84143A0025R021 Datasheet
269Kb / 12P
   3-line filters for converters and power electronics
B84143-G-R110 EPCOS-B84143-G-R110 Datasheet
236Kb / 8P
   3-Line Filters for Converters and Power Electronics
B84143-A6-R206 EPCOS-B84143-A6-R206 Datasheet
170Kb / 6P
   3-Line Filters for Converters and Power Electronics
B84143-A25-R21 EPCOS-B84143-A25-R21 Datasheet
188Kb / 7P
   3-Line Filters for Converters and Power Electronics
B84143D0016R127 EPCOS-B84143D0016R127 Datasheet
561Kb / 17P
   3-line filters for converters and power electronics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com