Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1049CV33-15ZSXE Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1049CV33-15ZSXE
Description  4 Mbit (512K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049CV33-15ZSXE Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1049CV33-15ZSXE Datasheet HTML 1Page - Cypress Semiconductor CY7C1049CV33-15ZSXE Datasheet HTML 2Page - Cypress Semiconductor CY7C1049CV33-15ZSXE Datasheet HTML 3Page - Cypress Semiconductor CY7C1049CV33-15ZSXE Datasheet HTML 4Page - Cypress Semiconductor CY7C1049CV33-15ZSXE Datasheet HTML 5Page - Cypress Semiconductor CY7C1049CV33-15ZSXE Datasheet HTML 6Page - Cypress Semiconductor CY7C1049CV33-15ZSXE Datasheet HTML 7Page - Cypress Semiconductor CY7C1049CV33-15ZSXE Datasheet HTML 8Page - Cypress Semiconductor CY7C1049CV33-15ZSXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY7C1049CV33
Document #: 38-05006 Rev. *G
Page 3 of 12
Pin Configuration
Figure 1. 36-Pin SOJ (Top View)
Figure 2. 44-Pin TSOP II (Top View)
Selection Guide
Description
-10
-12
-15
Unit
Maximum Access Time
10
12
15
ns
Maximum Operating Current
Commercial
90
85
-
mA
Industrial/Automotive-A
100
95
-
mA
Automotive-E
-
-
95
mA
Maximum CMOS Standby Current
Commercial/Industrial/ Automotive-A
10
10
-
mA
Automotive-E
-
-
15
mA
1
2
3
4
5
6
7
8
9
10
11
14
23
24
28
27
26
25
29
32
31
30
12
13
33
36
35
34
16
15
21
22
GND
A1
A2
A3
A4
A5
A6
A7
A8
WE
VCC
A18
A15
A12
A14
I/O5
I/O4
A9
A0
I/O0
I/O1
I/O2
OE
A17
A16
A13
CE
18
17
19
20
GND
I/O7
I/O3
I/O6
VCC
A10
A11
NC
NC
A6
1
2
3
4
5
6
7
8
9
10
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
VCC
A7
A8
A9
NC
NC
NC
NC
A18
VSS
NC
A15
A0
A3
I/O0
A4
CE
A17
A12
A1
A2
18
17
20
19
I/O1
27
28
25
26
22
21
23
24
NC
VSS
WE
I/O2
I/O3
A5
NC
A16
VCC
OE
I/O7
I/O6
I/O5
I/O4
A14
A13
A11
A10
NC
NC
NC
[+] Feedback


Similar Part No. - CY7C1049CV33-15ZSXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33-15ZSXE CYPRESS-CY7C1049CV33-15ZSXE Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33-15ZSXE CYPRESS-CY7C1049CV33-15ZSXE Datasheet
873Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
More results

Similar Description - CY7C1049CV33-15ZSXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30 Datasheet
1,008Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33 Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY62148BLL-70SXI CYPRESS-CY62148BLL-70SXI Datasheet
343Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_10 Datasheet
499Kb / 10P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com