Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC12E1220406 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # EC12E1220406
Description  12mm Size Insulated Shaft Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC12E1220406 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  EC12E1220406 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC12E1220406 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. EC12E1220406 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. EC12E1220406 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Incremental
Type
Absolute
Type
193
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
7
5
15
3.5
3.5
surface
Mounting
ø6.6
(0.6)
(0.8)
12.4
(8.2)
14
3.5
LM1
R1
5
(5)
(0.8)
3.5
ø6.8
Mounting surface
14
12.4
(8.2)
Product Line
With Switch Type
Product No.
Drawing
No.
Number
of detent
Number
of pulse
Actuator
length
(mm)
4
Vertical
24
12
20
25
25
20
30
25
30
Standard
3 to 20
Standard
25
±15
Heavy 40
±15
24
12
Without
EC12E2420802
EC12E1220813
EC12E2420801
EC12E2430804
EC12E2420803
EC12E2430803
EC12E2460802
Operating
force of switch(N)
Travel of push-on
switch
(mm)
Operating
direction
5
Vertical
30
5
±3
10
±5
3
0.5
15
17.5
EC12D1564402
EC12D1524403
5
±3
10
±5
6
EC12D1564404
EC12D1524406
Detent torque
(mN・m)
950
Minimum order
unit
(pcs.)
1,280
Minimum order
unit
(pcs.)
Product No.
Drawing
No.
Number
of detent
Number
of pulse
Actuator
length
(mm)
Operating
force of switch(N)
Travel of push-on
switch
(mm)
Operating
direction
Detent torque
(mN・m)
Refer to P.194 for product varieties.
Dimensions
5
22
13.2
B
AC
3-ø1 holes
13.2
22
5
AC B
3-ø1 holes
Photo
Style
Short shaft
High collar type
No.
1
2
PC board mounting hole
dimensions
(Viewed from mounting face)
Unit:mm
With Bushing Type
LM1
17.5
R1
5
20
7
25
12
Nuts and washers are not included. If required, please contact us.
Note
12mm Size Insulated Shaft Type
EC12 Series
Encoder


Similar Part No. - EC12E1220406

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC12E1220406 ETC2-EC12E1220406 Datasheet
141Kb / 4P
   12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC12E1220406 ALPS-EC12E1220406 Datasheet
878Kb / 6P
   12mm Size Insulated Shaft Type
EC12E1220406 ALPS-EC12E1220406 Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
logo
List of Unclassifed Man...
EC12E1220406 ETC-EC12E1220406 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - EC12E1220406

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC12E ALPS-EC12E_15 Datasheet
878Kb / 6P
   12mm Size Insulated Shaft Type
RK12L ALPS-RK12L Datasheet
171Kb / 4P
   12mm Size Insulated Shaft Snap-in Type
logo
List of Unclassifed Man...
EC12E ETC2-EC12E Datasheet
141Kb / 4P
   12mm Size Insulated Shaft Type Encoder Variety
logo
ALPS ELECTRIC CO.,LTD.
EC18A ALPS-EC18A Datasheet
723Kb / 4P
   18mm Size Insulated Shaft Type
RK09K ALPS-RK09K Datasheet
307Kb / 7P
   9mm Size Insulated Shaft Snap-in Type
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
RK11K ALPS-RK11K Datasheet
203Kb / 5P
   11mm Size Insulated Shaft Snap-in Type
RK14K ALPS-RK14K Datasheet
220Kb / 5P
   14mm Size Insulated Shaft Snap-in Type
EC05E ALPS-EC05E_15 Datasheet
888Kb / 4P
   5mm Size Hollow Shaft Type
EC20A ALPS-EC20A_15 Datasheet
924Kb / 5P
   20mm Size Metal Shaft Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com