Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B84142A0012R123 Datasheet(PDF) 7 Page - EPCOS

Part # B84142A0012R123
Description  EMC filters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84142A0012R123 Datasheet(HTML) 7 Page - EPCOS

  B84142A0012R123 Datasheet HTML 1Page - EPCOS B84142A0012R123 Datasheet HTML 2Page - EPCOS B84142A0012R123 Datasheet HTML 3Page - EPCOS B84142A0012R123 Datasheet HTML 4Page - EPCOS B84142A0012R123 Datasheet HTML 5Page - EPCOS B84142A0012R123 Datasheet HTML 6Page - EPCOS B84142A0012R123 Datasheet HTML 7Page - EPCOS B84142A0012R123 Datasheet HTML 8Page - EPCOS B84142A0012R123 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2-line filters
B84142A*R123
for converters and power electronics
Insertion loss (typical values at Z = 50
Ω)
unsymmetrical, adjacent branches terminated
common mode, all branches in parallel (asymmetrical)
differential mode (symmetrical)
Filters for 75 A
Filters for 100 A
120
SSB2230-P
120
SSB2231-X
dB
dB
α
100
α
100
B84142A0075R123
80
60
40
20
0
10 3
10 4
10 5
10 6
10 7 Hz 10 8
f
80
60
40
20
0
10 3
10 4
10 5
10 6
10 7 Hz 10 8
f
B84142A0100R123
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
7


Similar Part No. - B84142A0012R123

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84142A0010R000 EPCOS-B84142A0010R000 Datasheet
210Kb / 10P
   EMC filters
B84142A0016R122 EPCOS-B84142A0016R122 Datasheet
246Kb / 12P
   EMC filters
B84142A0016R122 EPCOS-B84142A0016R122 Datasheet
260Kb / 12P
   EMC filters
More results

Similar Description - B84142A0012R123

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
   EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
   EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
   EMC filters
B84142AR122 EPCOS-B84142AR122 Datasheet
246Kb / 12P
   EMC filters
B84112BB60 EPCOS-B84112BB60 Datasheet
134Kb / 11P
   EMC Filters
B84102K0030 EPCOS-B84102K0030 Datasheet
120Kb / 6P
   EMC filters
B84103S0001A010 EPCOS-B84103S0001A010 Datasheet
129Kb / 7P
   EMC filters
B84111A0000A010 EPCOS-B84111A0000A010 Datasheet
167Kb / 9P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com