Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE301C22AM+ Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE301C22AM+
Description  High-precision Low Voltage Detector
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE301C22AM+ Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE301C22AM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE301C22AM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE301C22AM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE301C22AM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE301C22AM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE301C22AM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE301C22AM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE301C22AM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE301C22AM+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
 
                                                                                                                     
ACE301
                        Technology
High-precision Low Voltage Detector
VER 1.3
3
Block diagram
N channel open-drain
CMOS output
Recommended Work Conditions
Item
Min
Recommended
Max
Unit
Input Voltage
0.7
10
V
Ambient temperature
-40
25
70
Electrical Characteristics:
ACE301C/N09XX + (0.9V)
(Topt=25
, Unless otherwise specified.
)
Reference data
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
-VDET
Detector Threshold
0.882
0.9
0.918
V
VHYS
Detector Threshold Hysteresis
0.018 0.036 0.054
V
ISS
Current Consumption
VDD=2.9V
1
1.5
uA
VDDH
Maximum Operating Voltage
10
V
VDDL
Minimum Operating Voltage
0.5
V
Nch
VDS=0.05V, VDD=0.7V
VDS=0.50V, VDD=0.8V
0.01
0.05
0.05
0.50
mA
IOUT
Output Current
Pch
VDS=-2.1V, VDD=4.50V
1.0
2.0
mA
TPLH
Output Delay Time
20
uS


Similar Part No. - ACE301C22AM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE301C09AM+H ACE-ACE301C09AM+H Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301C09BM+H ACE-ACE301C09BM+H Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301C09BN+H ACE-ACE301C09BN+H Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301C09EP+H ACE-ACE301C09EP+H Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301C60AM+H ACE-ACE301C60AM+H Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
More results

Similar Description - ACE301C22AM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
List of Unclassifed Man...
BL8506 ETC1-BL8506 Datasheet
271Kb / 16P
   High-precision Low Voltage Detector
logo
Seiko Instruments Inc
S-807 SII-S-807 Datasheet
336Kb / 42P
   HIGH-PRECISION VOLTAGE DETECTOR
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com