Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WB1040-SML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # WB1040-SML
Description  Wideband RF Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

WB1040-SML Datasheet(HTML) 2 Page - Coilcraft lnc.

  WB1040-SML Datasheet HTML 1Page - Coilcraft lnc. WB1040-SML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© Coilcraft, Inc. 2009
Wideband RF Transformers
Specifications subject to change without notice.
Please check our website for latest information.
Document 116-2
Document 116-2
Revised 10/30/08
Dot over
Pin #1
Dot over
Pin #1
0.325
8,26
0.325
8,26
max
max
0.225
5,72
0.100
2,54
0.025
0,64
0.225
5,72
0.100
2,54
0.010 × 0.020
0,25 × 0,51
Part
number
Internal
codes
0.30
7,6
0.03
0,76
0.06
1,52
0.520
13,2
0.40
10,2
0.100
2,54
0.10
2,5
0.100
2,54
0.10
2,5
max
0.025
0,64
dia typ
typ
For WB10XX, pins 2 and 5 are removed during manufacture.
For WB20XX, pin 2 is removed during manufacture.
max
max
1
2
3
1
2
3
6
5
4
6
5
4
typ
typ
Recommended
Land Pattern
Part Marking
Recommended
Board Layout
0.520 ±0.010
13,21 ±0,25
0.300 ±0.010
7,62 ± 0,25
max
0.285
7,24
max
0.285
7,24
0.400
10,16
typ
90 -105
°°
0.120
3,05
min
WBxxxx
CCIxxxx
X
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
0.001
0.01
0.01
0.01
0.01
0.10
0.10
0.10
0.10
1.0
01.0
1.0
1.0
10
10
10
10
100
100
100
100
1000
1000
1000
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
WB1010, WB2010, WB3010
WB1010-1, WB2010-1, WB3010-1
WB1015, WB3015
WB1040, WB2040, WB3040
3 dB bandwidth 0.005 – 100 MHz
3 dB bandwidth 0.04
175 MHz
3 dB bandwidth 0.1
150 MHz
3 dB bandwidth 0.2
300 MHz
0
5
10
15
2.5
5
10
20
50
100
200
IDC (mA)
10
MHz
Typical Attenuation vs Current
Typical Frequency Response
Dimensions are in
inches
mm
Attenuation measured on a network analyzer (re: 50 Ohms)


Similar Part No. - WB1040-SML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WB1040-SMLB COILCRAFT-WB1040-SMLB Datasheet
213Kb / 2P
   Wideband RF Transformers
WB1040-SMLD COILCRAFT-WB1040-SMLD Datasheet
213Kb / 2P
   Wideband RF Transformers
More results

Similar Description - WB1040-SML

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0966-CN XFMRS-XFWB0966-CN Datasheet
38Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB4-6-81 XFMRS-XFWB4-6-81 Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
logo
Datatronic Distribution...
PT108-0 DATATRONICS-PT108-0 Datasheet
121Kb / 2P
   WIDEBAND RF TRANSFORMERS
logo
XFMRS Inc.
XFWB0946-CO XFMRS-XFWB0946-CO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB1155-DO XFMRS-XFWB1155-DO Datasheet
51Kb / 1P
   RF WIDEBAND TRANSFORMERS
logo
Datatronic Distribution...
2-1-1D DATATRONICS-2-1-1D Datasheet
360Kb / 2P
   Wideband RF Transformers
logo
XFMRS Inc.
1100 XFMRS-1100 Datasheet
30Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0936-CO XFMRS-XFWB0936-CO Datasheet
51Kb / 1P
   RF WIDEBAND TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com