Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE701342BM+ Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE701342BM+
Description  PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE701342BM+ Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE701342BM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE701342BM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE701342BM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE701342BM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE701342BM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE701342BM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE701342BM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE701342BM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE701342BM+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
 
                                                                                                                      
ACE701
                        Technology PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.2
Description
The ACE701 series are CMOS-based PFM step-up DC-DC Converter. The converter can start up by
supply voltage as low as 0.8V, and capable of delivering maximum 200mA output current at 3.3V output
with 1.8V input Voltage. Quiescent current drawn from power source is as low as 5.5uA. All of these
features make ACE701 series be suitable for the portable devices, which are supplied by a single battery
to four-cell batteries.
To reduce the noise caused by the switch regulator, ACE701 is well considerated in circuit design and
manufacture. So that the interferer to other circuits by the device is reduced greatly.
ACE701 integrates stable reference circuits and trimming technology, so it can afford high precision and
low temperature-drift coefficient of the output voltage.
ACE701 is available in SOT-89-3、SOT-23-3、SOT-89-5 and SOT-23-5 packages which is PB free. And
in 5-pin packages, such as SOT-23-5 and SOT-89-5, the device can be switch on or off easily by CE pin,
to minimize the standby supply current. 
Features
Deliver 200mA at 3.3V Output voltage with 1.8V input Voltage
Low start-up voltage (when the output current is 1mA)--------------------------0.8V
The converter output voltage can be adjusted from 2.5V~6.0V(In 0.1V step)
Output voltage accuracy -----------±2%
Low temperature-drift coefficient of the output voltage------------------±100ppm/℃
Only three external components are necessary: An inductor, a Schottky diode and an output filter
capacitor
High power conversion efficiency---85%
Low quiescent current drawn from power source------------------------------------- <5.5uA
Application
Power source for PDA. DSC. MP3 Player. electronic toy and wireless mouse
Power source for a single or dual-cell battery-powered equipments
Power source for LED
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input supply voltage
VIN
-0.3~12
V
Input voltage
VI(LX) -0.3~Vout+0.3 V
CE pin voltage
-0.3~Vout+0.3
Lx pin output current
0.7
A
Power Dissipation
SOT-89-3
SOT-23-5
SOT-23-3
0.5
0.15
0.15
W
Junction temperature
TJ
150
OC
Storage temperature
TS
- 40 to 125
OC
Operating free-air temperature
-20 ~ 80
OC


Similar Part No. - ACE701342BM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701325AM+H ACE-ACE701325AM+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701325BN+H ACE-ACE701325BN+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701330AM+H ACE-ACE701330AM+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701330BN+H ACE-ACE701330BN+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701360AM+H ACE-ACE701360AM+H Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
More results

Similar Description - ACE701342BM+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701 ACE-ACE701_12 Datasheet
593Kb / 13P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.5
ACE701D ACE-ACE701D Datasheet
1Mb / 14P
   PFM STEP-UP DC/DC Converter with High Efficiency and Low Noise
VER 1.3
logo
Guangdong Kexin Industr...
KX8530 KEXIN-KX8530 Datasheet
404Kb / 7P
   PFM Step-up DC/DC Converter With High Efficiency And Low Noise
logo
SHANGHAI BELLING CO., L...
BL8530 BELLING-BL8530 Datasheet
225Kb / 14P
   PFM STEP-UP DC/DC CONVERTER WITH HIGH EFFICIENCY AND LOW NOISE
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661_16 Datasheet
213Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714_12 Datasheet
428Kb / 9P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1661 UNIONSEMI-UM1661 Datasheet
197Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
   High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8531 BELLING-BL8531 Datasheet
331Kb / 10P
   High Efficiency Low Noise PFM Step-up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com