Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

150-01J08SL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 150-01J08SL
Description  7mm Tunable RF Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

150-01J08SL Datasheet(HTML) 1 Page - Coilcraft lnc.

  150-01J08SL Datasheet HTML 1Page - Coilcraft lnc. 150-01J08SL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2008
Specifications subject to change without notice.
Please check our website for latest information.
7mmTunableRFCoils–146,150Series
Document 109-1
Document 109-1
Revised 9/30/08
Coilcraft tunable coils provide the compactness of a
7 mm coil and the low drift reliability of an insert molded
coil.
Standard inductance values range from less than 0.05
µH to over 0.5 µH. 150 Series coils with a tap are also
available to meet specific requirements.
The windings of these economical coils are precision
molded into a single piece of polypropylene for mechani-
cal and electrical stability. Optional plated brass shield
cans with solderable tabs provide integral shielding and
additional mounting stability.
These parts can be odered without cores for use as fixed
inductors.
Coilcraft Designer’s Kit M302 contains samples of all
standard 7 mm and 10 mm tunable inductors. To order,
contact Coilcraft or visit http://order.coilcraft.com.
Unshielded Styles
With Shield Can
Terminations Series 146 leads: Tin-silver over copper
Series 150 leads: Matte tin over copper
Shield can tabs:
Tin-silver over nickel over brass
0.039 ±0.010
1,0 ±0,25
0.138 ±0.010
3,51 ±0,25
0.216
5,5
0.475
12,1
max
dia hole
Tab length
0.280
7,1
Tab centers
0.300
7,6
max
Finish
Start
0.177 ±0.005
4,5 ±0,13
0.138 ±0.040
3,5 ±1,02
0.020 ±0.002
0,51 ±0.05
0.177 ±0.005
4,5 ±0,13
0.450 ±0.020
11,43 ±0,51
0.268 ±0.005
6,81 mm ±0,13
square
dia
Finish
Start
Recommended
Board Layout
CL
CL
0.0885
2,25
0.0885
2,25
0.140
3,55
(2)
0.040
1,016
0.060
1,52
(for shield
can tabs)
Unshielded
With shield can
Weight: 146 series
0.44 – 0.70 g
0.91 – 1.12 g
150 series
0.45 – 0.61 g
0.88 – 1.08 g
Resistance to soldering heat:
Wave solder only. Recommended maximum
board surface temperature of 168°C (334°F) for no more than three seconds.
Pre-heating is recommended to minimize time over the solder nozzle.


Similar Part No. - 150-01J08SL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
150-01J08SL COILCRAFT-150-01J08SL Datasheet
223Kb / 2P
   7 mm Tunable RF Coils ??146, 150
More results

Similar Description - 150-01J08SL

ManufacturerPart #DatasheetDescription
logo
API Delevan
9405R API-9405R Datasheet
1Mb / 1P
   Tunable Variable RF Coils
logo
Frontier Electronics.
5YN FRONTIER-5YN Datasheet
137Kb / 1P
   Tunable Hi-Q RF Coils
5SQ FRONTIER-5SQ_15 Datasheet
136Kb / 1P
   TUNABLE SUPER HI-Q RF COILS
5SQ FRONTIER-5SQ Datasheet
132Kb / 1P
   Tunable Super Hi-Q RF Coils
logo
Coilcraft lnc.
150-01J08L COILCRAFT-150-01J08L_13 Datasheet
223Kb / 2P
   7 mm Tunable RF Coils ??146, 150
144-01J12L COILCRAFT-144-01J12L Datasheet
128Kb / 2P
   10 mm Tunable Coils
148 COILCRAFT-148 Datasheet
87Kb / 1P
   Tunable RF Inductors
logo
Frontier Electronics.
KS1346N FRONTIER-KS1346N_15 Datasheet
123Kb / 1P
   7mm ADJUSTABLE IFT COILS (I) (SHIELDED)
KS1383N FRONTIER-KS1383N_15 Datasheet
153Kb / 1P
   7mm ADJUSTABLE IFT COILS (II) (SHIELDED)
logo
Yantel Corporation
1331 YANTEL-1331 Datasheet
137Kb / 2P
   SMD RF Manual Tunable Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com