Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B84111A0000A120 Datasheet(PDF) 8 Page - EPCOS

Part # B84111A0000A120
Description  EMC filters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84111A0000A120 Datasheet(HTML) 8 Page - EPCOS

  B84111A0000A120 Datasheet HTML 1Page - EPCOS B84111A0000A120 Datasheet HTML 2Page - EPCOS B84111A0000A120 Datasheet HTML 3Page - EPCOS B84111A0000A120 Datasheet HTML 4Page - EPCOS B84111A0000A120 Datasheet HTML 5Page - EPCOS B84111A0000A120 Datasheet HTML 6Page - EPCOS B84111A0000A120 Datasheet HTML 7Page - EPCOS B84111A0000A120 Datasheet HTML 8Page - EPCOS B84111A0000A120 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
EMC filters
Cautions and warnings
Important information
Please read all safety and warning notes carefully before installing the EMC filter and putting it into
operation (see
). The same applies to the warning signs on the filter. Please ensure that the signs
are not removed nor their legibility impaired by external influences.
Death, serious bodily injury and substantial material damage to equipment may occur if the appro­
priate safety measures are not carried out or the warnings in the text are not observed.
Using according to the terms
The EMC filters may be used only for their intended application within the specified values in low­
voltage networks in compliance with the instructions given in the data sheets and the data book.
The conditions at the place of application must comply with all specifications for the filter used.
Warnings
It shall be ensured that only qualified persons (electricity specialists) are engaged on work such
as planning, assembly, installation, operation, repair and maintenance. They must be provided
with the corresponding documentation.
Danger of electric shock. EMC filters contain components that store an electric charge. Danger­
ous voltages can continue to exist at the filter terminals for longer than five minutes even after
the power has been switched off.
The protective earth connections shall be the first to be made when the EMC filter is installed and
the last to be disconnected. Depending on the magnitude of the leakage currents, the particular
specifications for making the protective-earth connection must be observed.
Impermissible overloading of the EMC filter, such as impermissible voltages at higher frequen­
cies that may cause resonances etc. can lead to destruction of the filter housing.
EMC filters must be protected in the application against impermissible exceeding of the rated
currents by suitable overcurrent protective.
8
01/06


Similar Part No. - B84111A0000A120

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84111-A-A10 EPCOS-B84111-A-A10 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84111-A-A110 EPCOS-B84111-A-A110 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84111-A-A120 EPCOS-B84111-A-A120 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84111-A-A20 EPCOS-B84111-A-A20 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84111-A-A30 EPCOS-B84111-A-A30 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
More results

Similar Description - B84111A0000A120

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
   EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
   EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
   EMC filters
B84142AR122 EPCOS-B84142AR122 Datasheet
246Kb / 12P
   EMC filters
B84112BB60 EPCOS-B84112BB60 Datasheet
134Kb / 11P
   EMC Filters
B84102K0030 EPCOS-B84102K0030 Datasheet
120Kb / 6P
   EMC filters
B84103S0001A010 EPCOS-B84103S0001A010 Datasheet
129Kb / 7P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com