Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B84111A Datasheet(PDF) 5 Page - EPCOS

Part # B84111A
Description  EMC filters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84111A Datasheet(HTML) 5 Page - EPCOS

  B84111A Datasheet HTML 1Page - EPCOS B84111A Datasheet HTML 2Page - EPCOS B84111A Datasheet HTML 3Page - EPCOS B84111A Datasheet HTML 4Page - EPCOS B84111A Datasheet HTML 5Page - EPCOS B84111A Datasheet HTML 6Page - EPCOS B84111A Datasheet HTML 7Page - EPCOS B84111A Datasheet HTML 8Page - EPCOS B84111A Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2-line filters
B84111A
SIFI-A for normal insertion loss
Case styles and dimensions
Case
style
IR
A
Dimensions (mm)
b1
b2
b3
b4
l1
l2
l3
l4
h1
h2
Litz
mm2
Style
1015
A
K
1
1
45
51
26.5
60.4
70
50
63.5
76.5
22.3
32
14
A
2
45
26.5 60.4 70
50
76.5 22.3 14
A
K
L
3
3
3
45
51
45
26.5
60.4
70
50
63.5
50
60.4
70
76.5
22.3
32
28.6
14
0.82
AWG18
A
B
K
L
6
6
6
6
45
45
51
45
26.5
26.5
60.4
70
50
50
63.5
50
60.4
60.4
70
70
76.5
76.5
28.6
28.6
32
28.6
20
20
0.82
AWG18
A
B
L
10
10
10
45
45
45
26.5
26.5
60.4
70
50
50
50
60.4
60.4
70
70
76.5
76.5
28.6
28.6
28.6
20
20
1.35
AWG16
A
B
20
20
63.5 31.5 74.7 84.5 50.8 —
77
38.1 28
See dimensional drawing
Case style A
Case style A
1 … 3 A (B84111A0000A010, A020, A030)
6 … 20 A (B84111A0000A060, A110, A120)
b
b
SSB0527-D-E
b2
1
3
b
4
b
Tab connector A6.3 x 0.8
ø4.7
b2
1
Tab connector A6.3 x 0.8
ø4.7
SSB0526-5-E
3
b
4
b
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
5


Similar Part No. - B84111A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84111-A-A10 EPCOS-B84111-A-A10 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84111-A-A110 EPCOS-B84111-A-A110 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84111-A-A120 EPCOS-B84111-A-A120 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84111-A-A20 EPCOS-B84111-A-A20 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84111-A-A30 EPCOS-B84111-A-A30 Datasheet
135Kb / 7P
   SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
More results

Similar Description - B84111A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
   EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
   EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
   EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
   EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
   EMC filters
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
   EMC filters
B84142AR122 EPCOS-B84142AR122 Datasheet
246Kb / 12P
   EMC filters
B84112BB60 EPCOS-B84112BB60 Datasheet
134Kb / 11P
   EMC Filters
B84102K0030 EPCOS-B84102K0030 Datasheet
120Kb / 6P
   EMC filters
B84103S0001A010 EPCOS-B84103S0001A010 Datasheet
129Kb / 7P
   EMC filters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com