Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVA-X41500A-C00E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EVA-X41500A-C00E
Description  Cost-Effective x86 SoC for Industrial Embedded Platforms
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EVA-X41500A-C00E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EVA-X41500A-C00E Datasheet HTML 1Page - Advantech Co., Ltd. EVA-X41500A-C00E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
EVA-X4150
32-bit
x86-based CPU
150 MHz
16KB
L1 Cache
North
Bridge
SDRAM
Controller
SPI
Controller
MAC
USB
IDE
Memory
interface
USB
interface
PCI Bus
PCI
IDE
interface
MII
interface
JTAG
interface
South
Bridge
WDT
Interrupt
Controller
ISA Bus
RTC
GPIO
Controller
I2C
Timer
Counter
UART
Programable
Chip Select
GPCS
GPIO
UART
WDTO
DMA
Controller
LPC
LPC
interface
SPI
interface
External
RTC
I2C
General Purpose I/O
Up to 40 GPIO, supports 8 dedicated and 32 multi-functional GPIO
GPIO pins can be individually configured as inputs, outputs, or as interrupt trigger sources
Open-drain with a pull-high 75 K
I2C Controller
Compliant with V2.1
Supports standard, fast and high speed mode
Configurable for master and slave mode
SPI Interface
Supports SPI flash boot
Real Time Clock
Internal RTC or External RTC
Under 2 uA power consumption on internal mode
Speaker Out
Buzzer
Input Clock
14.318 MHz, 32.768 KHz
Output Clock
24 MHz, 25 MHz, 14.318 MHz
PCI clock, ISA clock, SDRAM clock
Configurable I/O Driving Current
SDRAM, PCI, ISA, IDE, I2C, GPIO
Operating Voltage Range
Core Voltage: 1.8 V ± 5 %
Analog I/O Voltage: 3.3 V ± 5 %
Digital I/O Voltage: 3.3 V ± 10 %
Operating Temperature
-20° C ~ 85° C
Power Consumption
Approx. 0.8 Watt
Package Type
PBGA, 456 balls, Lead-free, RoHS compliant
Dimensions: 27 mm x 27 mm x 2.23 mm
Ordering Information
Part Number
Description
EVA-X41500A-C00E
EVA-X4150
EVA-X41500A-CB0E
EVA-X4150 bundle with BIOS license
Part Number
Description
EVA-X41500A-V00E
EVA-X4150 bundle with VGA chip
EVA-X41500A-VB0E
EVA-X4150 bundle with VGA chip and BIOS license


Similar Part No. - EVA-X41500A-C00E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EVA-X4300 ADVANTECH-EVA-X4300 Datasheet
287Kb / 2P
   Highly Integrated x86 SoC for Industrial Embedded Platforms
More results

Similar Description - EVA-X41500A-C00E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EVA-X4300 ADVANTECH-EVA-X4300 Datasheet
287Kb / 2P
   Highly Integrated x86 SoC for Industrial Embedded Platforms
logo
List of Unclassifed Man...
VORTEX86SX ETC2-VORTEX86SX Datasheet
2Mb / 30P
   32-BIT x86 Embedded SoC
logo
Adlink Technology Inc.
MVP-5100-MXM ADLINK-MVP-5100-MXM Datasheet
443Kb / 2P
   Embedded GPU/AI Platforms
MVP-5100 ADLINK-MVP-5100 Datasheet
443Kb / 2P
   Embedded GPU/AI Platforms
logo
List of Unclassifed Man...
INAND7250 ETC1-INAND7250 Datasheet
783Kb / 1P
   Proven Reliability and Endurance for Embedded Platforms
2017
logo
VIA Technologies, Inc.
AMOS-3003 VIA-AMOS-3003 Datasheet
500Kb / 3P
   Industrial Systems x86
AMOS-3005 VIA-AMOS-3005 Datasheet
427Kb / 3P
   Industrial Systems x86
logo
American Electronic Com...
DG31A AEC-DG31A Datasheet
310Kb / 2P
   Cost effective
logo
Advantech Co., Ltd.
SOM-4430 ADVANTECH-SOM-4430 Datasheet
300Kb / 2P
   Advantech x86 SoC ETX CPU Module
logo
ECS, Inc.
ECS-36-S-1 ECS-ECS-36-S-1 Datasheet
157Kb / 1P
   Cost effective
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com