Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE515A28QM+H Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE515A28QM+H
Description  300mA High Speed, Extremely Low Noise CMOS LDO Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE515A28QM+H Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE515A28QM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE515A28QM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE515A28QM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE515A28QM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE515A28QM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE515A28QM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE515A28QM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE515A28QM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE515A28QM+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
 
                                                                                                                  
ACE515A
                        Technology
300mA High Speed, Extremely Low Noise CMOS LDO Regulator
VER 1.2
2
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input voltage
VIN
6.5
V
Enable Input Voltage
VCE
-0.3 to VIN+0.3
V
Output Current
IOUT
450
mA
Junction Temperature
TJ
150
Storage Temperature Range
TSTG
-65 to 150
Lead Temperature (Soldering, 10sec)
TLEAD
260
Thermal Resistance
SOT-23-3
SOT-23-5
SC-70-5
SC-82
θJA
200
200
300
300
/W
ESD (Human Body Model)
ESD
6000
V
ESD (Machine Model)
ESD
400
V
Note 1: Stresses greater than those listed under “ Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under “Recommended Operating Conditions” is not implied. Exposure to “Absolute Maximum Ratings” for extended periods may
affect device reliability.
Packaging Type
SOT-23-5 /SC-70-5
SOT-23-3
SC-82
5
4
3
4
3
1
2
3
1
2
1
2
Pin Number
SOT-23-5 / SC-70-5
SOT-23-3
SC-82
Symbol
Function
1
3
4
VIN
Input voltage
2
1
2
GND
Ground
3
1
CE
Active high enable input pin, Logic high=enable,
logic low=shutdown
4
NC
No connection
5
2
3
VOUT
Regulated output voltage


Similar Part No. - ACE515A28QM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE515 ACE-ACE515 Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
ACE51512BNA+H ACE-ACE51512BNA+H Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
ACE51512BNB+H ACE-ACE51512BNB+H Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
ACE51512HN+H ACE-ACE51512HN+H Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
ACE51515BNA+H ACE-ACE51515BNA+H Datasheet
447Kb / 8P
   Low Noise, fast response 300mA LDO regulator
VER 1.5
More results

Similar Description - ACE515A28QM+H

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
   300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2128 DIODES-AP2128 Datasheet
861Kb / 21P
   300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com