Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE511233AM+H Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE511233AM+H
Description  500mA LDO Linear Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE511233AM+H Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE511233AM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE511233AM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE511233AM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE511233AM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE511233AM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE511233AM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE511233AM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE511233AM+H Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
 
                                                                                                                      
ACE511
                        Technology
500mA LDO Linear Voltage Regulator
VER 1.2
4
Electrical Characteristics
Operating Conditions: VIN = 5V, IOUT =10mA; TJ=25 ℃,unless otherwise specified.(COUT=2.2uF, ,CIN=2.2 uF)
Notes:
1. Output voltage temperature coefficient is the worst case voltage change divided by the total temperature range.
2. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load
regulation in the load range from 100μA to 500mA. Changes in output voltage due to heating effects are covered by the
thermal regulation specification.
3. Dropout voltages is defined as the input to output differential at which the output voltage drops 2% below its nominal value
measured at 1V differential.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
ACE511-1.5 (VIN=3.3V)
ACE511-1.8 (VIN=3.3V)
ACE511-2.5
ACE511-2.8
ACE511-3.0
ACE511-3.3
ACE511-3.6
1.470
1.764
2.450
2.744
2.940
3.234
3.528
1.5
1.8
2.5
2.8
3.0
3.3
3.6
1.530
1.836
2.550
2.856
3.060
3.366
3.672
V
Line Regulation
VSR
VIN=(VOUT+1)V to 5.5V
1
%
IOUT=10~250mA
1
Load Regulation (2)
VLR
VIN=(VOUT+1)V
IOUT=10~500mA
1.5
%
Ground Current
IGND
IOUT=10mA
65
uA
Dropout Voltage (3)
VD
IOUT=500mA
0.8
V
Current Limit
ILIMIT
VOUT=0V
0.7
A
Output Voltage Temperature Coefficient
TC
Note 1
50
ppm/℃
Thermal protection temperature
150
Thermal Protection
TPRO
Protection Hysterisys
20
OC,
RMS Output Noise
VN
TA=25
OC,,10HZ ≤f≤10KHZ,
0.003
%/VO
Ripple Rejection Ratio
PSRR
f = 120Hz,
51
dB


Similar Part No. - ACE511233AM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE51117C ACE-ACE51117C Datasheet
202Kb / 3P
   800mA Bipolar Linear Regulator
VER 1.1
More results

Similar Description - ACE511233AM+H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
   500mA LDO Linear Regulator
logo
E-CMOS Corporation
EC49124 E-CMOS-EC49124 Datasheet
311Kb / 6P
   500mA Super LDO Linear Regulator
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
Renesas Technology Corp
RAA214250 RENESAS-RAA214250 Datasheet
1Mb / 36P
   500mA 20V Wide Input Voltage Range LDO Linear Regulator
Oct 14, 2021
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Maxim Integrated Produc...
MAX25300A MAXIM-MAX25300A Datasheet
468Kb / 16P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 6/20
MAX38902C MAXIM-MAX38902C Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
MAX38902B MAXIM-MAX38902B Datasheet
451Kb / 13P
   12μVRMS Low Noise 500mA LDO Linear Regulator
Rev 0; 11/17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com