Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-1380-1S0A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ARK-1380-1S0A1E
Description  Mainstream Solution for Space Critical Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-1380-1S0A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ARK-1380-1S0A1E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-1380-1S0A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
ARK-1380
POWER ON/OFF
HDD
PWR
VCC
PCMCIA
DC IN
9V~35V
GND
VGA
AUDIO
LVDS
HDD LED
PWR LED
DC INPUT
USB2 USB4
COM2
COM1
USB1 USB3
LAN
PS/2
Detail A
Detail A
8.0
3.8
165.0
189.0
Ø4.6
LAN
PS/2
USB4
USB3
USB2
USB1
COM2
COM1
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
Packing List
Part Number
Description
-
1 x ARK-1380 unit
1700001394
1 x 2-Pole Phoenix to DC-Jack Power Cable
1700006011
1 x DB-9 Male to Mic-In, Line-out, Line-in Audio Cable
1 x Driver/Utility CD/Manual
1 x Traditional Chinese user manual for CCC
1 x China RoHS
Ordering Information
Part Number
Description
ARK-1380-1S0A1E
Intel Celeron M ULV 1 GHz
Ultra-compact embedded box IPC
ARK-1380-2S0A1E
ARK-1380-1S0A1E with 512 MB Memory, 1 GB CF,
Windows XP Embedded
ARK-1380-1M0A1E
Intel Celeron M ULV 600 MHz
Ultra-compact embedded box IPC
ARK-1380-2M0A1E
ARK-1380-1M0A1E with 512 MB Memory, 1 GB CF,
Windows XP Embedded
Optional Items
Part Number
Description
1757000222
AC-to-DC Adapter DC19 V/3.42 A 65 W, with Phoenix
Power Plug, 0 ~ 40° C for Home and Office Use
1700001947
Power Cable 2-pin 180 cm, USA type
1700001948
Power Cable 2-pin 180 cm, Europe Type
1700001949
Power Cable 2-pin 180 cm, UK Type
1700002141
Power Cable 2-pin PSE Mark 183 cm
9666K10000E
DIN-rail Mounting Kit
9666K10001E
VESA Mounting plate
1700060202
PS2 Keyboard/Mouse Cable
Embedded OS (Only available for T-Parts OEM, and CTOS service)
Part Number
Description
2070005331
ARK-1380 XPe V3.01-2, English, Chinese-Traditional,
Chinese-Simplified, Japanese
2070005332
ARK-1380 XPe V3.01-2 ,English, French, German,
Italian, Spanish
2070001121
CE50 Pro Plus ARK-1380 V1.2 ENG
2070001123
CE60 Pro ARK-1380 V1.0 ENG


Similar Part No. - ARK-1380-1S0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1382 ADVANTECH-ARK-1382 Datasheet
466Kb / 2P
   High Performance Solution with Multi-display Support for Signage Applications
ARK-1382-S0A1E ADVANTECH-ARK-1382-S0A1E Datasheet
466Kb / 2P
   High Performance Solution with Multi-display Support for Signage Applications
ARK-1382-S2A1E ADVANTECH-ARK-1382-S2A1E Datasheet
466Kb / 2P
   High Performance Solution with Multi-display Support for Signage Applications
ARK-1382W-S0A1E ADVANTECH-ARK-1382W-S0A1E Datasheet
466Kb / 2P
   High Performance Solution with Multi-display Support for Signage Applications
ARK-1388 ADVANTECH-ARK-1388 Datasheet
548Kb / 2P
   Ultra Compact, In-Vehicle Solution with Safe Start/Shutdown and Wireless Functions
More results

Similar Description - ARK-1380-1S0A1E

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FS035C104KQZ2A AVX-FS035C104KQZ2A Datasheet
80Kb / 1P
   For Ultra Safety Critical Applications
logo
Coilcraft lnc.
ST413PHA COILCRAFT-ST413PHA Datasheet
455Kb / 2P
   Power Inductor for Critical Applications
ST512PJD COILCRAFT-ST512PJD Datasheet
335Kb / 3P
   Coupled Inductors for Critical Applications
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
   Chip Inductors for Critical Applications
ST466PJD COILCRAFT-ST466PJD Datasheet
377Kb / 3P
   Coupled Inductors for Critical Applications
ST312PHA COILCRAFT-ST312PHA Datasheet
462Kb / 2P
   Power Inductor for Critical Applications
ST358PWA COILCRAFT-ST358PWA Datasheet
258Kb / 2P
   Power Inductor for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com