Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-1380 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARK-1380
Description  Mainstream Solution for Space Critical Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-1380 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARK-1380 Datasheet HTML 1Page - Advantech Co., Ltd. ARK-1380 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Box IPCs
All product specifications are subject to change without notice
Last updated : 24-Mar-2009
Features
ARK-1380
Mainstream Solution for Space Critical
Applications
Fanless, ultra compact embedded box IPC
Built-In Intel® Ultra Low Voltage Celeron® M 1 GHz (512 KB L2 Cache)/
600 MHz CPU
Two RS-232/422/485 serial ports and Four USB ports
Comprehensive display, communication and connectivity
Ultra compact size, VESA mounted, robust construction with fanless operation
Windows® CE .NET & Windows® XP Embedded ready solution
IP40
Specifications
Processor System
CPU
Intel Celeron M ULV
Intel Celeron M ULV
Max. Speed
373 (1 GHz)
600 MHz
Front Side Bus
400 MHz FSB
400 MHz FSB
System Chipset
Intel 855GME + ICH4 Chipset
Intel 852GM + ICH4 Chipset
BIOS
AWARD 4 Mbit, FWH
Memory
Technology
DDR 333/400 MHz
Max. Capacity
1 GB
Socket
1 x 200-pin SODIMM
Graphics
Chipset
Built-in 855GME/ 852GM
Interface
CRT interface
Dual 18-bit LVDS interface
Ethernet
LAN
10/100 Mbps Ethernet controller, Supports Wake on LAN
Audio
Amplifier
Output 2.2 W Amplifier
Interface
1 x D-sub 15-pin connector, Line-in, Spkr-out, Mic-in
I/O Interface
Serial Ports
2 x RS-232/422/485 ports by BIOS selectable
USB Interface
4 x USB ports, USB 2.0 Compliant
Keyboard/Mouse
1 x PS/2 port, Supports PS/2 Mouse and Keyboard
Other
Watchdog Timer
255 level timer interval, setup by software
Expansion
PC Card
1 Slot PC Card, Supports CardBus (Card-32) and 16-bit (PCMCIA 2.1/JEIDA4.2) cards 5 V and 3.3 V working
power
Storage
HDD
-
SSD
Supports CompactFlash socket for type I/II CompactFlash disk
Software Support
Microsoft Windows
Windows XP Embedded, Windows XP Professional, Windows 2000, Windows CE .NET 6.0
Power Requirement
Power Type
AT/ATX
Power Input Voltage
9 VDC ~ 35 VDC
Minimum Power Input
9 V @ 3.8 A, 12 V @ 2.9 A, 19 V @ 1.84 A, 35 V @ 1 A
Power Adapter
AC to DC, DC19 V/3.42 A, 65 W
Power Consumption
Typical
13.5 W (ULV Celeron M 1.0 G)
Max
16.2 W (ULV Celeron M 1.0 G)
Mechanical
Construction
Aluminum housing
Mounting
DIN-rail mounting; Desk/wall-mounting; VESA mounting
Dimensions (W x H x D)
189 x 41 x 130.6 mm (7.44" x 1.61" x 5.14")
Weight
1.15 kg (2.53 lb)
Environment
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Storage Temperature
-40 ~ 85° C (-40 ~ 185° F)
Relative Humidity
95% @ 40° C (non-condensing)
Vibration During Operation
With CompactFlash disk: 5 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 Oct./min, 1hr/axis.
Shock During Operation
With CompactFlash disk: 50 Grms, IEC 60068-2-27, half sine, 11 ms duration
EMC
CE/FCC Class A, CCC, BSMI
Safety Certifications
UL, CCC, BSMI


Similar Part No. - ARK-1380

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1382 ADVANTECH-ARK-1382 Datasheet
466Kb / 2P
   High Performance Solution with Multi-display Support for Signage Applications
ARK-1382-S0A1E ADVANTECH-ARK-1382-S0A1E Datasheet
466Kb / 2P
   High Performance Solution with Multi-display Support for Signage Applications
ARK-1382-S2A1E ADVANTECH-ARK-1382-S2A1E Datasheet
466Kb / 2P
   High Performance Solution with Multi-display Support for Signage Applications
ARK-1382W-S0A1E ADVANTECH-ARK-1382W-S0A1E Datasheet
466Kb / 2P
   High Performance Solution with Multi-display Support for Signage Applications
ARK-1388 ADVANTECH-ARK-1388 Datasheet
548Kb / 2P
   Ultra Compact, In-Vehicle Solution with Safe Start/Shutdown and Wireless Functions
More results

Similar Description - ARK-1380

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FS035C104KQZ2A AVX-FS035C104KQZ2A Datasheet
80Kb / 1P
   For Ultra Safety Critical Applications
logo
Coilcraft lnc.
ST413PHA COILCRAFT-ST413PHA Datasheet
455Kb / 2P
   Power Inductor for Critical Applications
ST512PJD COILCRAFT-ST512PJD Datasheet
335Kb / 3P
   Coupled Inductors for Critical Applications
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
   Chip Inductors for Critical Applications
ST466PJD COILCRAFT-ST466PJD Datasheet
377Kb / 3P
   Coupled Inductors for Critical Applications
ST312PHA COILCRAFT-ST312PHA Datasheet
462Kb / 2P
   Power Inductor for Critical Applications
ST358PWA COILCRAFT-ST358PWA Datasheet
258Kb / 2P
   Power Inductor for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com