Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARK-1360 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARK-1360
Description  Cost Effective Intel짰 Atom??Solution with miniPCIe Expansion Slot
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-1360 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARK-1360 Datasheet HTML 1Page - Advantech Co., Ltd. ARK-1360 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All product specifications are subject to change without notice
Last updated : 19-Nov-2009
Industrial Motherboards
Features
ARK-1360
Cost Effective Intel® Atom™ Solution
with miniPCIe Expansion Slot
Fanless,ultra compact embedded box IPC
Built-in Intel® Atom™ processor Z510P 1.1 GHz/ Z530P 1.6 GHz
Ultra Low power consumption solution
One mini-PCIe socket expansion for wireless application
1 x 10/100/1000 Base-T Ethermet Ports, 4 x USB 2.0, 2 x COM
Ultra compact size, VESA mounted, robust construction with fanless operation
IP40
Specifications
Processor System
CPU
Intel® Atom™ processor Z510P 1.1 GHz/ Z530P 1.6 GHz
Max. Speed
1.1 GHz/1.6 GHz
Front Side Bus
400/533 MHz FSB
System Chipset
Intel® System Controller Hub US15WP
BIOS
Award 8 Mb FHW BIOS
Memory
Technology
DDR2 400/533 MHz
Max. Capacity
2 GB
Socket
1 x 200-pin SODIMM
Graphics
Chipset
Intel® System Controller Hub US15WP
Interface
CRT interface
Single 18/24-bit LVDS interface (optional)
Ethernet
LAN
10/100/1000 Base-T Ethernet controllerr, Support Wake on LAN
Interface
Line-out, Mic-in
I/O Interface
Serial Ports
2 x RS-232
USB Interface
4 x USB ports, USB 2.0 Compliant
Keyboard/Mouse
1 x PS/2 port, Supports PS/2 Mouse and Keyboard
Others
Watchdog timer
255 levels timer interval, setup by software
Expansion
Mini PCIe
1 x Mini PCIe
Storage
HDD
N/A
SSD
Supports CompactFlash socket for type I/II CompactFlash disk
Software Support
Microsoft Windows
XP Professional, XP Embedded, CE 6.0
Power Requirement
Power Type
ATX
Power Input Voltage
12 VDC ~ 24 VDC
Minimum Power Input
12 V @ 1.5 A
24 V @ 0.75 A
Power Adaptor
AC to DC, DC12 V/3 A, 36 W
Power Consumption
Typical
8W
Max
11W
Mechanical
Construction
Aluminum housing
Mounting
Din-Rail mounting; Desk/wall-mounting; VESA mounting
Dimensions (W x H x D)
189 x 41 x 130.6 mm (7.44" x 1.61" x 5.14")
Weight
1.15 kg (2.53 lb)
Environment
Operating Temperature
0 ~ 55° C (32 ~ 131° F)
Storage Temperature
-40 ~ 85° C (-40 ~ 185° F)
Relative Humidity
95% @ 40° C (non-condensing)
Vibration During Operation
With CompactFlash disk: 5Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 Oct./min, 1hr/axis.
Shock During Operation
With CompactFlash disk: 50Grms, IEC 60068-2-27 , half sine, 11 ms duration
EMC
CE/FCC Class A, CCC
Safety Certifications
UL, CCC
NEW


Similar Part No. - ARK-1360

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1360F-S1A1E ADVANTECH-ARK-1360F-S1A1E Datasheet
2Mb / 2P
   Fanless, ultra compact embedded box IPC
ARK-1360F-S6A1E ADVANTECH-ARK-1360F-S6A1E Datasheet
2Mb / 2P
   Fanless, ultra compact embedded box IPC
ARK-1360 ADVANTECH-ARK-1360_11 Datasheet
2Mb / 2P
   Fanless, ultra compact embedded box IPC
More results

Similar Description - ARK-1360

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
ECE118 LSTD-ECE118 Datasheet
1Mb / 1P
   Cost-effective solution
ECE072 LSTD-ECE072 Datasheet
462Kb / 2P
   Cost-effective solution
logo
List of Unclassifed Man...
EDR101A0500Z ETC1-EDR101A0500Z Datasheet
158Kb / 5P
   Miniature,cost-effective switching solution
logo
Advantech Co., Ltd.
ARK-6320 ADVANTECH-ARK-6320 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Cost-effective Mini-ITX Fanless Embedded Box PC
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
   High performance and cost-effective solution
logo
Advantech Co., Ltd.
ARK-1310 ADVANTECH-ARK-1310 Datasheet
389Kb / 2P
   Cost-effective, Entry-level Automation System Solution
ARK-VH200 ADVANTECH-ARK-VH200 Datasheet
600Kb / 2P
   High Performance Intel짰 Atom??Fanless Mobile DVR Solution
logo
List of Unclassifed Man...
FW-7610 ETC2-FW-7610 Datasheet
191Kb / 2P
   1U Cost Effective Network Platform with Intel짰 Celeron 827E/847E processor
logo
Protech Systems Co., Lt...
EB-821LF PROTECHSYSTEMS-EB-821LF Datasheet
557Kb / 2P
   3.5" SBC with Intel짰 Atom?
logo
List of Unclassifed Man...
LEC-7050 ETC2-LEC-7050 Datasheet
191Kb / 2P
   IPC with Intel짰 Atom??N2800
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com