Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SER2817H-153KL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # SER2817H-153KL
Description  SMT Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER2817H-153KL Datasheet(HTML) 1 Page - Coilcraft lnc.

  SER2817H-153KL Datasheet HTML 1Page - Coilcraft lnc. SER2817H-153KL Datasheet HTML 2Page - Coilcraft lnc. SER2817H-153KL Datasheet HTML 3Page - Coilcraft lnc. SER2817H-153KL Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Coilcraft, Inc. 2008
Specifications subject to change without notice.
Please check our website for latest information. Document 490-1
Revised 08/22/08
SMTPowerInductors-SER2800Series
Document 490-1
Inductance1
DCR2
SRF
Isat (A)4
Irms (A)5
±10%
(mOhms)
typ3
10%
20%
30%
20°C
40°C
Part number
(µH)
nom
max (MHz)
drop
drop
drop
rise
rise
SER2814L-152KL
1.5
1.47
1.62
60
100
>100
>100
20
30
SER2814H-222KL
2.2
1.83
2.01
40
100
>100
>100
20
30
SER2814L-222KL
2.2
1.47
1.62
50
82.0
84.0
84.8
20
30
SER2817H-332KL
3.3
2.56
2.82
40
91.0
92.5
93.6
20
28
SER2814H-332KL
3.3
1.83
2.01
30
62.0
66.9
68.4
20
30
SER2814L-332KL
3.3
1.47
1.62
40
48.0
54.0
57.0
20
30
SER2817H-472KL
4.7
2.56
2.82
30
59.0
61.2
62.4
20
28
SER2814H-472KL
4.7
1.83
2.01
25
42.0
48.0
50.1
20
30
SER2814L-472KL
4.7
1.47
1.62
30
33.0
36.9
39.0
20
30
SER2817H-682KL
6.8
2.56
2.82
25
42.0
45.0
45.9
20
28
SER2814H-682KL
6.8
1.83
2.01
20
30.0
34.5
36.2
20
30
SER2814L-682KL
6.8
1.47
1.62
25
22.0
26.0
27.8
20
30
SER2817H-103KL
10
2.56
2.82
20
28.0
31.2
32.1
20
28
SER2814H-103KL
10
1.83
2.01
15
18.0
21.5
23.4
20
30
SER2814L-103KL
10
1.47
1.62
20
13.0
16.2
17.6
20
30
SER2817H-153KL
15
2.56
2.82
16
18.0
21.2
21.9
20
28
SER2814H-153KL
15
1.83
2.01
12
11.5
14.0
15.2
20
30
SER2814L-153KL
15
1.47
1.62
15
7.5
9.8
11.0
20
30
SER2817H-223KL
22
2.56
2.82
15
12.0
14.0
15.0
20
28
SER2814H-223KL
22
1.83
2.01
10
7.0
8.6
9.6
20
30
SER2814L-223KL
22
1.47
1.62
10
4.5
6.0
6.8
20
30
SER2817H-333KL
33
2.56
2.82
10
7.0
8.7
9.6
20
28
SER2814H-333KL
33
1.83
2.01
8
4.0
5.1
5.9
20
30
SER2814L-333KL
33
1.47
1.62
7
2.0
2.6
3.3
20
30
1. Inductance measured at 500 kHz, 0.1 Vrms,
0 Adc on an Agilent/HP 4284A LCR meter or
equivalent.
2. DCR measured on a Keithley 580 micro-
ohmmeter or equivalent.
3. SRF measured using an Agilent/HP 8753D
network analyzer and a Coilcraft SMD-D
test fixture.
4. DC current at which the inductance drops
the specified amount from its value without
current.
5. Current that causes a the specified
temperature rise from 25°C ambient.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount
Components” before soldering.
• Perfect for high current, low voltage power supply applications
• Extremely low DCR; Current handling to >100 Amps
• Higher inductance values than other SER series – up to 33 µH
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant tin-silver over copper. Other
terminations available at additional cost.
Weight
SER2814L – 27.5 g;
SER2814H – 28.7 g;
SER2817H – 34.7 g
Ambient temperature –40°C to +85°C with
Irms current, +85°C
to +125°C with derated current
Storage temperature Component: –40°C to +125°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C
/ 85% relative humidity)
Mean Time Between Failures (MTBF) 26,315,789 hours
Packaging 25 pieces per tray
PCB washing Only pure water or alcohol recommended
Caution:
This series is not intended for use
in high vibration or mechanical
shock environments. We advise
using additional means of secur-
ing the part to the circuit board to
ensure its adhesion. Consider our
SER2900 series, which offers
nearly identical electrical charac-
teristics and incorporates a third
mount pad for better stability and
board adhesion.


Similar Part No. - SER2817H-153KL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER2817H-153KL COILCRAFT-SER2817H-153KL Datasheet
147Kb / 4P
   Shielded Power Inductors ??SER2800
More results

Similar Description - SER2817H-153KL

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com