Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0971-A Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # C0971-A
Description  VDSL Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

C0971-A Datasheet(HTML) 1 Page - Coilcraft lnc.

  C0971-A Datasheet HTML 1Page - Coilcraft lnc. C0971-A Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2007
Specifications subject to change without notice.
Please check our website for latest information.
VDSL Transformers
Document 394 -1
Document 394-1
Revised 06/25/04
For Ikanos
SmartLeap
These surface mount transformers are designed spe-
cifically for use with the Ikanos SmartLeap chipset
series for high-speed telecom applications.
They are available in 6-pin and 8-pin versions for both ANSI
and ETSI standards. They all feature 60 dB minimum
longitudinal balance,
−75 dB maximum harmonic distor-
tion and 1500 V winding-to-winding isolation.
Coilcraft can also custom engineer transformers to meet
your specific requirements. For free evaluation samples,
contact Coilcraft or visit www.coilcraft.com.
Leakage
Turns
Stray
Part
Number
Inductance1
DCR max (Ohms)
inductance2
ratio
Capacitance3 capacitance4
number
Standard
of pins
±10% (µH)
pri
sec
max (µH)
line : chip
max (pF)
max (pF)
B0233-A
ANSI
6
200
1.00
0.184
1.00
3 : 1
10.0
25.0
C0971-A
ANSI
8
200
0.913
0.154
0.70
3 : 1
25.0
25.0
B0709-B
ETSI
6
200
0.913
0.113
0.70
7 : 2
25.0
15.0
B0749-B
ETSI
8
200
0.913
0.113
0.70
7 : 2
25.0
15.0
1. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc.
2. Leakage inductance tested across the primary with the secondary shorted.
3. Capacitance tested between windings with 0.1 Vrms applied at 80 KHz.
4. Stray capacitance tested across the primary with 0.1 Vrms applied at 2.5 MHz.
5. Operating temperature range
−40°C to +85°C.
6. Electrical specifications at 25°C
4
3
6
Line
side
Chip
side
Line
side
Chip
side
2
3
6
1
7
C0971-A, B0749-B
B0233-A, B0709-B
Schematics
This product is not RoHS-compliant. Contact Coilcraft
for current status or possible alternatives.


Similar Part No. - C0971-A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0971A GENERAL-C0971A Datasheet
73Kb / 1P
   COMPUTER CABLE
More results

Similar Description - C0971-A

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B846 PULSE-B846 Datasheet
473Kb / 1P
   VDSL Transformers
logo
Bi technologies
HT82-99627 BITECH-HT82-99627 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
logo
Pulse A Technitrol Comp...
B4008 PULSE-B4008 Datasheet
68Kb / 1P
   VDSL TRANSFORMERS For Use with Broadcom
B4033 PULSE-B4033 Datasheet
133Kb / 1P
   VDSL TRANSFORMERS For Use With Metalink Chipsets
BX4030 PULSE-BX4030 Datasheet
46Kb / 1P
   VDSL TRANSFORMER VDSL TRANSFORMER
logo
Bothhand USA, LP.
VD-4025A BOTHHAND-VD-4025A Datasheet
65Kb / 1P
   VDSL TRANSFORMER
logo
PCA ELECTRONICS INC.
EPD5002GE PCA-EPD5002GE Datasheet
43Kb / 1P
   VDSL Transformer
logo
Bothhand USA, LP.
VD-7025 BOTHHAND-VD-7025 Datasheet
103Kb / 1P
   VDSL FILTER
VD-7028 BOTHHAND-VD-7028 Datasheet
104Kb / 1P
   VDSL FILTER
logo
Bel Fuse Inc.
S560-6600-KJ BEL-S560-6600-KJ Datasheet
78Kb / 2P
   VDSL MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com