Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6401UT-E Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6401UT-E
Description  1 MHz, 45 A Op Amps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6401UT-E Datasheet(HTML) 4 Page - Microchip Technology

  MCP6401UT-E Datasheet HTML 1Page - Microchip Technology MCP6401UT-E Datasheet HTML 2Page - Microchip Technology MCP6401UT-E Datasheet HTML 3Page - Microchip Technology MCP6401UT-E Datasheet HTML 4Page - Microchip Technology MCP6401UT-E Datasheet HTML 5Page - Microchip Technology MCP6401UT-E Datasheet HTML 6Page - Microchip Technology MCP6401UT-E Datasheet HTML 7Page - Microchip Technology MCP6401UT-E Datasheet HTML 8Page - Microchip Technology MCP6401UT-E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MCP6401/1R/1U
DS22229A-page 4
© 2009 Microchip Technology Inc.
TABLE 1-2:
AC ELECTRICAL SPECIFICATIONS
TABLE 1-3:
TEMPERATURE SPECIFICATIONS
1.3
Test Circuits
The circuit used for most DC and AC tests is shown in
Figure 1-1. This circuit can independently set VCM and
VOUT; see Equation 1-1. Note that VCM is not the
circuit’s common mode voltage ((VP +VM)/2), and that
VOST includes VOS plus the effects (on the input offset
error, VOST) of temperature, CMRR, PSRR and AOL.
EQUATION 1-1:
FIGURE 1-1:
AC and DC Test Circuit for
Most Specifications.
Electrical Characteristics: Unless otherwise indicated, T
A = +25°C, VDD = +1.8 to +6.0V, VSS = GND, VCM = VDD/2,
VOUT ≈ VDD/2, VL = VDD/2, RL = 100 kΩ to VL and CL = 60 pF. (Refer to Figure 1-1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
1
MHz
Phase Margin
PM
65
°
G = +1 V/V
Slew Rate
SR
0.5
V/µs
Noise
Input Noise Voltage
Eni
3.6
µVp-p
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—28
nV/
√Hz f = 1 kHz
Input Noise Current Density
ini
—0.6
fA/
√Hz f = 1 kHz
Electrical Characteristics: Unless otherwise indicated, V
DD = +1.8V to +6.0V and VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
+125
°C
Note 1
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, SOT-23-5
θ
JA
—220.7
°C/W
Thermal Resistance, SC70-5
θ
JA
—331
°C/W
Note 1: The internal junction temperature (T
J) must not exceed the absolute maximum specification of +150°C.
G
DM
R
F RG
=
V
CM
V
P
V
DD 2
+
() 2
=
V
OUT
V
DD 2
()
V
P
V
M
() V
OST 1GDM
+
()
++
=
Where:
GDM = Differential Mode Gain
(V/V)
VCM = Op Amp’s Common Mode
Input Voltage
(V)
VOST = Op Amp’s Total Input Offset
Voltage
(mV)
V
OST
V
IN–
V
IN+
=
VDD
RG
RF
VOUT
VM
CB2
CL
RL
VL
CB1
100 k
Ω
100 k
Ω
RG
RF
VDD/2
VP
100 k
Ω
100 k
Ω
60 pF
100 k
Ω
1µF
100 nF
VIN–
VIN+
CF
6.8 pF
CF
6.8 pF
MCP640x


Similar Part No. - MCP6401UT-E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6401UT-E/LT MICROCHIP-MCP6401UT-E/LT Datasheet
1Mb / 38P
   1 MHz, 45 關A Op Amps
2010
MCP6401UT-E/MNY MICROCHIP-MCP6401UT-E/MNY Datasheet
1Mb / 38P
   1 MHz, 45 關A Op Amps
2010
MCP6401UT-E/OT MICROCHIP-MCP6401UT-E/OT Datasheet
1Mb / 38P
   1 MHz, 45 關A Op Amps
2010
MCP6401UT-E/SL MICROCHIP-MCP6401UT-E/SL Datasheet
1Mb / 38P
   1 MHz, 45 關A Op Amps
2010
MCP6401UT-E/SN MICROCHIP-MCP6401UT-E/SN Datasheet
1Mb / 38P
   1 MHz, 45 關A Op Amps
2010
More results

Similar Description - MCP6401UT-E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6401 MICROCHIP-MCP6401_10 Datasheet
1Mb / 38P
   1 MHz, 45 關A Op Amps
2010
MCP6L01 MICROCHIP-MCP6L01 Datasheet
527Kb / 32P
   1 MHz, 85 關A Op Amps
2009
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
   80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
logo
STMicroelectronics
TSV522IST STMICROELECTRONICS-TSV522IST Datasheet
749Kb / 27P
   High merit factor (1.15 MHz for 45 關A) CMOS op amps
logo
Microchip Technology
MCP6L91 MICROCHIP-MCP6L91 Datasheet
480Kb / 30P
   10 MHz, 850 關A Op Amps
2009
MCP6L71 MICROCHIP-MCP6L71 Datasheet
476Kb / 32P
   2 MHz, 150 關A Op Amps
2009
MCP6L1 MICROCHIP-MCP6L1 Datasheet
483Kb / 32P
   2.8 MHz, 200 關A Op Amps
2009
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
   1.2 MHz, 16V Op Amps
2010-2011
MCP6H81 MICROCHIP-MCP6H81_12 Datasheet
1Mb / 42P
   5.5 MHz, 12V Op Amps
2012 11/29/12
MCP6H71 MICROCHIP-MCP6H71_12 Datasheet
1Mb / 42P
   2.7 MHz, 12V Op Amps
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com