Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP73123-22MF Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP73123-22MF
Description  Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73123-22MF Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP73123-22MF Datasheet HTML 2Page - Microchip Technology MCP73123-22MF Datasheet HTML 3Page - Microchip Technology MCP73123-22MF Datasheet HTML 4Page - Microchip Technology MCP73123-22MF Datasheet HTML 5Page - Microchip Technology MCP73123-22MF Datasheet HTML 6Page - Microchip Technology MCP73123-22MF Datasheet HTML 7Page - Microchip Technology MCP73123-22MF Datasheet HTML 8Page - Microchip Technology MCP73123-22MF Datasheet HTML 9Page - Microchip Technology MCP73123-22MF Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MCP73123/223
DS22191B-page 6
© 2010 Microchip Technology Inc.
Supply Ripple Attenuation
PSRR
-46
dB
IOUT = 20 mA, 10 Hz to 1 kHz
—-30
dB
IOUT = 20 mA, 10 Hz to 10 kHz
Battery Short Protection
BSP Start Threshold
VSHORT
1.45
V
MCP73123
BSP Start Threshold
VSHORT
2.90
V
MCP73223
BSP Hysteresis
VBSPHYS
150
mV
BSP Regulation Current
ISHORT
—25
mA
Current Regulation (Fast Charge, Constant-Current Mode)
Fast Charge Current
Regulation
IREG
130
1100
mA
TA=-5°C to +55°C
117
130
143
mA
PROG = 10 k
Ω
900
1000
1100
mA
PROG = 1.1 k
Ω
Preconditioning Current Regulation (Trickle Charge Constant Current Mode)
Precondition Current Ratio
IPREG / IREG
—10
%
PROG = 1 k
Ω to 10 kΩ
TA=-5°C to +55°C
100
%
No Preconditioning
Precondition Voltage
Threshold Ratio
VPTH
VPTH
1.9
2.0
2.1
V
MCP73123, VBAT Low-to-High
3.8
4.0
4.2
V
MCP73223, VBAT Low-to-High
Precondition Hysteresis
VPHYS
100
mV
VBAT High-to-Low (Note 1)
Charge Termination
Charge Termination
Current Ratio
ITERM / IREG
3.7
5
6.3
%
PROG = 1 k
Ω to 10 kΩ
TA=-5°C to +55°C
5.6
7.5
9.4
7.5
10
12.5
15
20
25
Automatic Recharge
Recharge Voltage
Threshold Ratio
VRTH / VREG
93
95
97
%
VBAT High-to-Low
No Automatic Recharge
—0
Pass Transistor ON-Resistance
ON-Resistance
RDSON
350
m
Ω
VDD = 4.5V, TJ = 105°C (Note 1)
Status Indicator - STAT
Sink Current
ISINK
—20
35
mA
Low Output Voltage
VOL
—0.2
0.5
V
ISINK = 4 mA
Input Leakage Current
ILK
0.001
1
μA
High Impedance, VDD on pin
PROG Input
Charge Impedance Range
RPROG
1—
21
k
Ω
Shutdown Impedance
RPROG
200
k
Ω
Impedance for Shutdown
PROG Voltage Range
VPROG
0—
5
V
Automatic Power Down
Automatic Power Down
Entry Threshold
VPDENTRY
VBAT +
10 mV
VBAT +
50 mV
—V
VDD Falling
Automatic Power Down
Exit Threshold
VPDEXIT
—VBAT +
150 mV
VBAT +
250 mV
VVDD Rising
Thermal Shutdown
Die Temperature
TSD
150
°C
Die Temperature
Hysteresis
TSDHYS
—10
°C
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits apply for V
DD= [VREG(Typical) + 0.3V] to 12V,
TA = -40°C to +85°C. Typical values are at +25°C, VDD = [VREG (Typical) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Not production tested. Ensured by design.


Similar Part No. - MCP73123-22MF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73123-22A/MF MICROCHIP-MCP73123-22A/MF Datasheet
1Mb / 28P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009-2013 11/29/12
MCP73123-22S/MF MICROCHIP-MCP73123-22S/MF Datasheet
1Mb / 28P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009-2013 11/29/12
MCP73123-22SI/MF MICROCHIP-MCP73123-22SI/MF Datasheet
584Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009
More results

Similar Description - MCP73123-22MF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73123 MICROCHIP-MCP73123_11 Datasheet
568Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2011
MCP73123 MICROCHIP-MCP73123_13 Datasheet
1Mb / 28P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009-2013 11/29/12
MCP73123 MICROCHIP-MCP73123 Datasheet
584Kb / 34P
   Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
2009
logo
Power Sonic Corporation
PAL7ZSHY POWER-SONIC-PAL7ZSHY Datasheet
665Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL7AHY POWER-SONIC-PAL7AHY Datasheet
606Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL14-AHY POWER-SONIC-PAL14-AHY Datasheet
575Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL14HY POWER-SONIC-PAL14HY Datasheet
637Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL12HY POWER-SONIC-PAL12HY Datasheet
617Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL5LHY POWER-SONIC-PAL5LHY Datasheet
877Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
PAL30LHY-H POWER-SONIC-PAL30LHY-H Datasheet
594Kb / 2P
   Lithium Iron Phosphate (LiFePO4) Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com