Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE50248BNB+ Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE50248BNB+
Description  400mA CMOS Low Dropout Voltage Low consumption Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE50248BNB+ Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE50248BNB+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE50248BNB+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE50248BNB+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE50248BNB+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE50248BNB+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE50248BNB+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE50248BNB+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE50248BNB+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE50248BNB+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
 
                                                                                                                     
ACE502
                        Technology
400mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
3
Block Diagram
Recommended Work Conditions
Item
Min
Recommended
Max
Unit
Input Voltage Range
8
V
Ambient Temperature
-40
+125
Electrical Characteristics
(Test Conditions: Cin=1uF, Cout=1uF,TA=25℃, unless otherwise specified.)
ACE502-1.8V
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
8
V
Output Voltage
VOUT
1.764
1.8
1.53
V
Maximum Output Current
IOUT(Max.)
VIN=VOUT+1.0V,VOUT>1.8
V*0.95
400
mA
IOUT=100mA
300
400
Input-Output Voltage
Differential
Dropout
Voltage
IOUT=200mA
600
700
mV
Line Regulation
ΔVOUT /
ΔVIN•VOUT
IOUT=40mA
2≦VIN≦8A
0.2
0.3
%/V
Load Regulation
ΔVOUT
VIN=2.8V
1mA≦IOUT≦100mA
20
40
mA
Quiescent Current
Iq
VIN=VOUT+1V
7
10
uA
Output Noise
Noise
f=10Hz to 100kHz,
COUT=1μF
40
uVrms
Ripple Rejection
PSRR
f=100Hz,IOUT=40mA,
COUT=1μF
60
dB
Output Voltage Temperature
Coefficient
ΔVOUT /
ΔT•VOUT
IOUT=10mA
50
ppm/℃


Similar Part No. - ACE50248BNB+

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE5024D ACE-ACE5024D Datasheet
644Kb / 13P
   Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
ACE5024D1.05VAMAH ACE-ACE5024D1.05VAMAH Datasheet
644Kb / 13P
   Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
ACE5024D1.05VAMBH ACE-ACE5024D1.05VAMBH Datasheet
644Kb / 13P
   Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
ACE5024D1.05VANH ACE-ACE5024D1.05VANH Datasheet
644Kb / 13P
   Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
ACE5024D1.05VBMAH ACE-ACE5024D1.05VBMAH Datasheet
644Kb / 13P
   Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
More results

Similar Description - ACE50248BNB+

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8553 BELLING-BL8553 Datasheet
1Mb / 13P
   400mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
Seiko Instruments Inc
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503_16 Datasheet
533Kb / 13P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501_14 Datasheet
749Kb / 8P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.6
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com