Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB860D Datasheet(PDF) 1 Page - Transys Electronics

Part # SB860D
Description  D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

SB860D Datasheet(HTML) 1 Page - Transys Electronics

  SB860D Datasheet HTML 1Page - Transys Electronics SB860D Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SB860D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB860D PANJIT-SB860D Datasheet
56Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 8.0 Amperes)
logo
Won-Top Electronics
SB860D WTE-SB860D Datasheet
49Kb / 4P
   8.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB860D PANJIT-SB860D Datasheet
427Kb / 2P
   D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
SB860D PANJIT-SB860D Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB860D-T3 WTE-SB860D-T3 Datasheet
44Kb / 3P
   8.0A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB860D

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SB1620DC TRSYS-SB1620DC Datasheet
148Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SB820D WTE-SB820D Datasheet
44Kb / 3P
   8.0A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB1020DC WTE-SB1020DC Datasheet
46Kb / 3P
   10A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB1620DC WTE-SB1620DC Datasheet
44Kb / 3P
   16A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1020DC PANJIT-SB1020DC_05 Datasheet
426Kb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
MBR1040DC PANJIT-MBR1040DC Datasheet
125Kb / 3P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SB820DC PANJIT-SB820DC_05 Datasheet
1Mb / 2P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
MBR1040DC PANJIT-MBR1040DC_16 Datasheet
324Kb / 5P
   D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
MBR1640DC PANJIT-MBR1640DC_16 Datasheet
295Kb / 5P
   D2PAK SURFACE SCHOTTKY BARRIER RECTIFIERS
SB1620DC PANJIT-SB1620DC_05 Datasheet
428Kb / 2P
   D2PAK SURFACE SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com