Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZABG4002JA16TC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZABG4002JA16TC
Description  LOW POWER 4 STAGE FET LNA BIAS CONTROLLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZABG4002JA16TC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZABG4002JA16TC Datasheet HTML 1Page - Diodes Incorporated ZABG4002JA16TC Datasheet HTML 2Page - Diodes Incorporated ZABG4002JA16TC Datasheet HTML 3Page - Diodes Incorporated ZABG4002JA16TC Datasheet HTML 4Page - Diodes Incorporated ZABG4002JA16TC Datasheet HTML 5Page - Diodes Incorporated ZABG4002JA16TC Datasheet HTML 6Page - Diodes Incorporated ZABG4002JA16TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZABG4002
ZABG4002
Document number: DS32047 Rev. 1 - 2
1 of 7
www.diodes.com
January 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
LOW POWER 4 STAGE FET LNA BIAS CONTROLLER
Summary
The ZABG4002 is a four stage depletion mode FET bias controller intended primarily for satellite Low Noise Block’s (LNB’s), but
its also suitable for other LNA applications such as those in found in PMR’s and microwave links. The ZABG4002 provides each
FET with an independent protected negative gate voltage and positive drain voltage with user programmable drain current.
Combining an advanced IC process and packaging techniques, the ZABG4002 helps minimise power consumption, component
cost and PCB area whilst enhancing overall reliability.
Features
• Four stage FET bias controller
• Operating range of 3.0V to 8.0V
• Low quiescent supply current, 1.2mA typical
• FET drain voltages set at 2.0V
• FET drain current selectable from 0 to 15mA
• Switchable FETs for power management
• Allows first and second stage FETs to be run at different
(optimum) drain currents
• FET drain voltages and currents held stable over
temperature and Vcc variations
• FETs protected against overstress during power-up and
power-down.
Internal negative supply generator allowing single supply
operation (available for external use)
• Low external component count
Pin Assignments
Applications
Twin LNB’s
Quad LNB’s
US LNB’s
Microwave links
PMR and Cellular telephone systems
Single Universal LNB System Diagram
ZXHF
5002
ZABG
6002
ZXHF
5002
ZABG
4002
Gain stages
GaAs FET’s
Down
Converter
IF Switching, gain
and control
ZXHF
5002
ZABG
6002
ZXHF
5002
ZABG
4002
Gain stages
GaAs FET’s
Down
Converter
IF Switching, gain
and control
Top View
Bottom View
C
SUB
G2
V
CC
GND
G3
D2
G4
R
CAL1
D4


Similar Part No. - ZABG4002JA16TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZABG4003 DIODES-ZABG4003 Datasheet
274Kb / 9P
   4 STAGE FET LNA BIAS CONTROLLER
ZABG4003JA16TC DIODES-ZABG4003JA16TC Datasheet
274Kb / 9P
   4 STAGE FET LNA BIAS CONTROLLER
More results

Similar Description - ZABG4002JA16TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZABG4003 DIODES-ZABG4003 Datasheet
274Kb / 9P
   4 STAGE FET LNA BIAS CONTROLLER
ZNBG4003 DIODES-ZNBG4003 Datasheet
172Kb / 7P
   4 STAGE FET LNA BIAS CONTROLLER
DS35007 Rev. 1 - 2
ZNBG4008 DIODES-ZNBG4008 Datasheet
505Kb / 7P
   4 STAGE FET LNA BIAS CONTROLLER
ZABG6004 DIODES-ZABG6004 Datasheet
447Kb / 11P
   6 STAGE FET LNA BIAS CONTROLLER
ZNBG6008 DIODES-ZNBG6008 Datasheet
517Kb / 7P
   6 STAGE FET LNA BIAS CONTROLLER
ZABG6003 DIODES-ZABG6003 Datasheet
288Kb / 8P
   6 STAGE FET LNA BIAS CONTROLLER
logo
Unisonic Technologies
L8402 UTC-L8402 Datasheet
149Kb / 6P
   LOW POWER 4 STAGE FET BIAS CONTROLLER
logo
Diodes Incorporated
ZABG6002 DIODES-ZABG6002 Datasheet
155Kb / 12P
   LOW POWER 6 STAGE FET LNA AND MIXER BIAS CONTROLLER
DS32078 Rev. 1 - 2
logo
Unisonic Technologies
L8602 UTC-L8602 Datasheet
167Kb / 8P
   LOW POWER 6 STAGE FET LNA AND MIXER BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com