Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLF645 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF645
Description  Broadband power LDMOS transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF645 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF645 Datasheet HTML 1Page - NXP Semiconductors BLF645 Datasheet HTML 2Page - NXP Semiconductors BLF645 Datasheet HTML 3Page - NXP Semiconductors BLF645 Datasheet HTML 4Page - NXP Semiconductors BLF645 Datasheet HTML 5Page - NXP Semiconductors BLF645 Datasheet HTML 6Page - NXP Semiconductors BLF645 Datasheet HTML 7Page - NXP Semiconductors BLF645 Datasheet HTML 8Page - NXP Semiconductors BLF645 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BLF645_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
4 of 13
NXP Semiconductors
BLF645
Broadband power LDMOS transistor
8.
Test information
8.1 RF performance
The following figures are measured in a class-AB production test circuit.
8.1.1 1-Tone CW
VDS = 32 V; IDq = 900 mA (for total device);
f = 1300 MHz.
VDS = 32 V; f = 1300 MHz.
(1) IDq = 200 mA (for total device).
(2) IDq = 400 mA (for total device).
(3) IDq = 600 mA (for total device).
(4) IDq = 900 mA (for total device).
(5) IDq = 1200 mA (for total device).
(6) IDq = 1400 mA (for total device).
(7) IDq = 1800 mA (for total device).
Fig 1.
Power gain and drain efficiency as function of
load power; typical values
Fig 2.
Power gain as a function of load power;
typical values
PL (W)
0
160
120
40
80
001aal361
17
18
16
15
14
19
20
Gp
(dB)
13
40
50
30
20
10
60
70
ηD
(%)
0
ηD
Gp
PL (W)
0
160
120
40
80
001aal362
Gp
(dB)
16
14
18
20
12
17
15
19
13
(7)
(6)
(5)
(4)
(3)
(2)
(1)


Similar Part No. - BLF645

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF645 NXP-BLF645 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
BLF645 AMPLEON-BLF645 Datasheet
1,022Kb / 14P
   Broadband power LDMOS transistor
Rev. 2 ??1 September 2015
logo
NXP Semiconductors
BLF645 PHILIPS-BLF645_15 Datasheet
173Kb / 13P
   Broadband power LDMOS transistor
Rev. 01-27 January 2010
More results

Similar Description - BLF645

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF642 PHILIPS-BLF642_15 Datasheet
565Kb / 12P
   Broadband power LDMOS transistor
Rev. 2-22 July 2011
logo
Ampleon Netherlands B.V...
BLF642 AMPLEON-BLF642 Datasheet
1Mb / 12P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
BLF645 AMPLEON-BLF645 Datasheet
1,022Kb / 14P
   Broadband power LDMOS transistor
Rev. 2 ??1 September 2015
logo
NXP Semiconductors
BLF647P PHILIPS-BLF647P_15 Datasheet
174Kb / 14P
   Broadband power LDMOS transistor
Rev. 2-12 April 2013
BLF642 PHILIPS-BLF642 Datasheet
565Kb / 12P
   Broadband power LDMOS transistor
Rev. 2-22 July 2011
logo
Ampleon Netherlands B.V...
BLF644P AMPLEON-BLF644P Datasheet
951Kb / 12P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
BLF647P AMPLEON-BLF647P Datasheet
1Mb / 14P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
BLF647PS AMPLEON-BLF647PS Datasheet
1,023Kb / 14P
   Broadband power LDMOS transistor
Rev. 3 ??1 September 2015
logo
NXP Semiconductors
BLF644P PHILIPS-BLF644P_15 Datasheet
166Kb / 12P
   Broadband power LDMOS transistor
Rev. 2-27 June 2014
BLF645 PHILIPS-BLF645_15 Datasheet
173Kb / 13P
   Broadband power LDMOS transistor
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com