Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82796C0105N265 Datasheet(PDF) 4 Page - EPCOS

Part # B82796C0105N265
Description  Data and signal line chokes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82796C0105N265 Datasheet(HTML) 4 Page - EPCOS

  B82796C0105N265 Datasheet HTML 1Page - EPCOS B82796C0105N265 Datasheet HTML 2Page - EPCOS B82796C0105N265 Datasheet HTML 3Page - EPCOS B82796C0105N265 Datasheet HTML 4Page - EPCOS B82796C0105N265 Datasheet HTML 5Page - EPCOS B82796C0105N265 Datasheet HTML 6Page - EPCOS B82796C0105N265 Datasheet HTML 7Page - EPCOS B82796C0105N265 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
10/08
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Insertion loss
α (typical values at |Z| = 50 Ω, 20 °C)
asymmetrical, all branches in parallel (common mode)
symmetrical (differential mode)
LR = 0.005 mH
LR = 0.011 mH
1) Types with higher rated current on request.
LR
mH
Lstray,typ
nH
IR1)
mA
Rtyp
m
Ω
Vtest
V DC, 2 s
Ordering code
0.005
40
1200
60
250
B82796C0502N201
0.011
50
800
70
250
B82796C0113N201
0.025
1400
800
100
250
B82796S0253N201
0.051
2000
800
140
250
B82796S0513N201
0.470
120
700
170
750
B82796C0474N215
1.0
100
700
160
750
B82796C0105N265
2.2
150
500
420
750
B82796C0225N265
4.7
200
400
520
750
B82796C0475N265
IND0204-2
0
Hz
10
20
30
40
50
dB
4
10
10 5
10 6
10 7
10 8
10 9
f
α
B82796C0502N201
IND0205-5
0
Hz
10
20
30
40
50
dB
4
10
10 5
10 6
10 7
10 8
10 9
f
α
B82796C0113N201
B82796C0/S0
Data and signal line chokes
Common-mode chokes, ring core


Similar Part No. - B82796C0105N265

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82796C0105N265 EPCOS-B82796C0105N265 Datasheet
73Kb / 3P
   Data Line Chokes for Telecommunications xDSL Transformers
More results

Similar Description - B82796C0105N265

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82793C0502N201 EPCOS-B82793C0502N201_08 Datasheet
314Kb / 12P
   Data and signal line chokes
B82793C2113N201 EPCOS-B82793C2113N201_08 Datasheet
203Kb / 8P
   Data and signal line chokes
B82794C0475N465 EPCOS-B82794C0475N465 Datasheet
229Kb / 9P
   Data and signal line chokes
B82794C2 EPCOS-B82794C2 Datasheet
502Kb / 8P
   Data and signal line chokes
B82790C475N265 EPCOS-B82790C475N265 Datasheet
260Kb / 11P
   Data and signal line chokes
B82788C0113H052 EPCOS-B82788C0113H052 Datasheet
186Kb / 9P
   Data and signal line chokes
B82792C2474N315 EPCOS-B82792C2474N315_08 Datasheet
196Kb / 8P
   Data and signal line chokes
B82791G0015A017 EPCOS-B82791G0015A017 Datasheet
156Kb / 6P
   Data and signal line chokes
B82790C474N215 EPCOS-B82790C474N215 Datasheet
260Kb / 11P
   Data and signal line chokes
B82789C223N2 EPCOS-B82789C223N2 Datasheet
205Kb / 11P
   Data and signal line chokes
B82720K2301N042 EPCOS-B82720K2301N042 Datasheet
111Kb / 6P
   Data and signal line chokes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com