Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCE-5124VG-00A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCE-5124VG-00A1E
Description  LGA775 Core??2 Quad CPU Card with PCI Express / IPMI / VGA/ Dual GbE LAN / 6 COM Ports
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCE-5124VG-00A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCE-5124VG-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCE-5124VG-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
6-13
Computer On
Modules
1
Embedded
Single Board
Computers
2
Compact
Embedded
Computers
3
Pre-configured
Systems
4
Industrial
Motherboards
5
Slot Single
Board
Computers
6
Industrial
Computer
Chassis
7
Industrial
Computer
Peripherals
8
Panel PCs
9
Display
Solutions
10
Digital
Video
Solutions
11
Vehicle
Mounted
Computers
12
Portable
Computers
13
M2M
Modules
14
Embedded
Software
Services
15
Board Diagram
Ordering Information
Part Number
IPMI
Gigabit LAN
VGA
PCE-5124F-00A1E
Yes
Dual
Yes
PCE-5124G2-00A1E
-
Dual
Yes
PCE-5124VG-00A1E
-
Single
Yes
Q35 GMCH
Core 2™ Duo
Processor
BIOS
Super IO
Winbond
W83627HG
Channel A
On-board D-Sub CRT Output
PCIe x16 Slot On
Connector A&B to backplane
6 SATA2 Ports
Channel B
G-LAN1: Intel 82566DM
GLCI/PCIe x1
300 MB/s
ALC 888 Codec
PCA-AUDIO-HDA1E (Optional)
HD
8 USB Ports
USB 2.0/1.1
G-LAN2: Intel 82573V
PCIe x1
32-bit/33 MHz PCI Bus
PCIe x1
PCIe x1
PCIe x1
PCIe x1
Connector A
to backplane
Connector D
to backplane
Connector C
to backplane
ICH9 DO
DDRII 667/800
DDRII 667/800
DDRII 667/800
DDRII 667/800
PCE-5124
PCE-5124VG-00A1E
PCE-5124F-00A1E
PCE-5124G2-00A1E
Packing List
Part Number
Description
Quantity
1700340640
FDD cable
x 1
1700003194
Serial ATA HDD data cable
x 2
1703150102
Serial ATA HDD power cable
x 2
1701260305
Printer + COM cable
x 1
1700060202
Y cable for PS/2 mouse & keyboard
x 1
9689000068
Jumper pack
x 1
-
Startup manual
x 1
-
Utility CD
x 1
1700008461
USB cable with 4 ports
x 1
Accessories
Part Number
Description
PCA-AUDIO-HDA1E
Audio extension module
1750000332
CPU cooler for LGA775 Pentium 4 processor up to
3.8 GHz (15 W), for 2U or higher chassis
1701092300
Dual-COM port cable kit for COM 1-2
1700008762
Dual-COM port cable kit for COM 3-4 and COM 5-6
Bracket View


Similar Part No. - PCE-5124VG-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-5124VG-00A1E ADVANTECH-PCE-5124VG-00A1E Datasheet
1Mb / 2P
   LGA775 Intel짰 Core??2 Quad SHB with VGA/Dual GbE/6 COM Ports
More results

Similar Description - PCE-5124VG-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-5124 ADVANTECH-PCE-5124_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core??2 Quad SHB with VGA/Dual GbE/6 COM Ports
PCE-5120-A2E ADVANTECH-PCE-5120-A2E Datasheet
365Kb / 2P
   LGA775 Core??2 Duo Processor Card with PCI Express/VGA/Dual GbE LAN
PCA-6011VG-00A1E ADVANTECH-PCA-6011VG-00A1E Datasheet
902Kb / 2P
   LGA775 Intel짰 Core?? Quad SBC with VGA/DVI/Dual GbE LAN
PCA-6011 ADVANTECH-PCA-6011_V01 Datasheet
676Kb / 2P
   LGA775 Intel짰 Core?? Quad SBC with VGA/DVI/Dual GbE LAN
13-SEP-2017
AIMB-769 ADVANTECH-AIMB-769 Datasheet
2Mb / 2P
   LGA775 Intel짰 Core?? Quad ATX with VGA, 2 COM, Single LAN
SIMB-U01-6VG00A1E ADVANTECH-SIMB-U01-6VG00A1E Datasheet
576Kb / 2P
   Intel짰 Core?? Quad LGA775, Core?? Duo MicroATX with VGA, 2 COM, and LAN
SIMB-U01 ADVANTECH-SIMB-U01 Datasheet
831Kb / 2P
   Intel짰 LGA775 Core?? Quad, Core?? Duo MicroATX with VGA, 2 COM and LAN
AIMB-766 ADVANTECH-AIMB-766 Datasheet
338Kb / 2P
   Intel짰 LGA775 Core??2 Quad/Core??2 Duo ATX with VGA, 4 COM, and Dual LAN
AIMB-766 ADVANTECH-AIMB-766_12 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core??2 Quad/Core??2 Duo ATX with VGA, 4 COM, and Dual LAN
AIMB-767 ADVANTECH-AIMB-767 Datasheet
2Mb / 2P
   LGA775 Intel짰 Core?? Quad ATX with Dual VGA/DVI, 4 COM, Dual LAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com