Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCE-3132VG-00A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCE-3132VG-00A1E
Description  Socket M Intel짰 Core??2 Duo Half-size SHB with PCIe/VGA/LVDS/Dual GbE LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCE-3132VG-00A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCE-3132VG-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. PCE-3132VG-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Slot Single Board Computers
All product specifications are subject to change without notice
Last updated : 24-Mar-2009
Features
PCE-3132
Socket M Intel® Core™ 2 Duo Half-size SHB
with PCIe/VGA/LVDS/Dual GbE LAN
Complies with PICMG 1.3
Supports Socket-M Intel Core 2 Duo with 533/667 MHz FSB
Intel 945 GME with ICH7M-DH chipset 667 MHz FSB
Supports dual channel SO-DIMM DDR2 400/533/667 SDRAM up to 4 GB
Two SATA ports with software RAID 0,1
Supports dual 10/100/1000 Mbps Ethernet via dedicated PCIe x1 bus
PCIe x16 interface for VGA via backplane
Supports Fanless ULV Celeron M423 and Core™ Duo U2500 CPU (Optional)
Specifications
Processor System
CPU (65nm)
Intel Core 2 Duo
Intel Core Duo
Intel Celeron M
Max. Speed
T7600 (2.33 GHz)
T2700 (2.33 GHz)
530 (1.73GHz)
L2 Cache
4 MB
2 MB
1 MB
Chipset
Intel 945GME + ICH7M-DH
BIOS
Award 8 Mbit SPI
Front Side Bus
533/667 MHz
Bus
PCIe
One x16 & four x1 to backplane
Memory
Technology
Dual channel DDR2 400/533/667 SDRAM
Max. Capacity
4 GB
Socket
200-pin SODIMM x 2
Graphics
Chipset Integrated
Intel GMA 950 sharing 224 MB system memory
LVDS
Single channel 18-bit/Dual channel 36-bit LVDS
Video Output
15-pin CRT connector x 1
External Card
PCIe x16 Graphics card
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Intel 82574L, GbE LAN2: Intel 82574L
Connector
RJ-45 x 2
SATA
Max. Data Transfer Rate
150 MB/s
Channels
2, supports software RAID 0, 1
I/O Interface
USB
4 USB 2.0 480 Mbps by pin header
Serial
4 (RS-232) with pin header (COM2 can be configured to RS-232/422/485)
Parallel
1 (EPP/ECP)
PS/2
1 (Y-cable for mouse and keyboard included)
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Miscellaneous
Audio Output
AC97 audio interface (requires an audio extension module P/N: PCA-AUDIO-00A1E)
Solid State Disk
CompactFlash socket (Type I/II)
Power Requirement
Intel Core 2 Duo T7400 2.16 GHz (667FSB) DDR2 667 2 GB SDRAM x 2
Max
+3.3 V (5.19 A)
+12 V (4.5 A)
Typical
+3.3 V (2.12 A)
+12 V (1.36 A)
Environment
Operating
Non-Operating (Storage)
Temperature
0 ~ 60° C (32 ~ 140° F),(operation humidity: 40° C @ 85% RH
Non-Condensing)
-40° C - 85° C and 60° C @ 95%
RH Non-Condensing
Physical Characteristics
Dimensions (W x D)
167.64 mm x 126.39 mm (6.6" x 4.98")
NEW


Similar Part No. - PCE-3132VG-00A1E

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-313A PCE-PCE-313A Datasheet
74Kb / 2P
   Technical HVAC Meter PCE-313A
PCE-313S PCE-PCE-313S Datasheet
250Kb / 2P
   Hygrometer PCE-313 S
More results

Similar Description - PCE-3132VG-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-5020 ADVANTECH-PCE-5020 Datasheet
368Kb / 2P
   LGA775 Intel짰 Core??2 Duo SHB with VGA/Dual GbE
PCE-5130 ADVANTECH-PCE-5130 Datasheet
1Mb / 2P
   Socket M Mobile Intel짰 Core??2 Duo SHB with VGA/LVDS/Dual GbEs
PCE-5020 ADVANTECH-PCE-5020_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo SHB with VGA/Dual GbE
PCE-3026G2-00A1E ADVANTECH-PCE-3026G2-00A1E Datasheet
752Kb / 2P
   LGA 1155 Intel짰 Core??i7/i5/i3 Half-size SHB with PCIe/VGA/DVI/Dual GbE LAN
PCE-3026G2-00A1E ADVANTECH-PCE-3026G2-00A1E Datasheet
752Kb / 2P
   LGA 1155 Intel짰 Core??i7/i5/i3 Half-size SHB with PCIe/VGA/DVI/Dual GbE LAN
PCE-3026 ADVANTECH-PCE-3026 Datasheet
2Mb / 2P
   LGA 1155 Intel짰 Core??i7/i5/i3 Half-size SHB with PCIe/VGA/DVI/Dual GbE LAN
PCE-3026 ADVANTECH-PCE-3026_13 Datasheet
382Kb / 2P
   LGA 1155 Intel짰 Core??i7/i5/i3 Half-size SHB with PCIe/VGA/DVI/Dual GbE LAN
PCE-3028G2-00A1E ADVANTECH-PCE-3028G2-00A1E Datasheet
856Kb / 2P
   LGA 1150 4th Generation Intel짰 Core??i7/i5/i3 Half-size SHB with PCIe/VGA/DVI/Dual GbE LAN
PCM-9590 ADVANTECH-PCM-9590 Datasheet
377Kb / 2P
   Intel짰 Core??2 Duo EBX SBC with VGA/ LVDS /Dual GbE LAN/ Audio/ PCI-104
1-July-2009
PCI-7020 ADVANTECH-PCI-7020_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo PCI Half-size SBC with VGA/GbE LAN/SATA and SSD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com