Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB-9820BRWG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-9820BRWG
Description  1310 nm TX / 1490 nm RX , 3.3V / 3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9820BRWG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-9820BRWG Datasheet HTML 1Page - Optoway Technology Inc SPB-9820BRWG Datasheet HTML 2Page - Optoway Technology Inc SPB-9820BRWG Datasheet HTML 3Page - Optoway Technology Inc SPB-9820BRWG Datasheet HTML 4Page - Optoway Technology Inc SPB-9820BRWG Datasheet HTML 5Page - Optoway Technology Inc SPB-9820BRWG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPB-9820RWG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V1.0
1
SPB-9820RWG / SPB-9820BRWG / SPB-9820ARWG
(SC BIDI SFP)
(RoHS Compliant)
SPB-9820RLWG / SPB-9820BRLWG / SPB-9820ARLWG
(LC BIDI SFP)
1310 nm TX / 1490 nm RX , 3.3V / 3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l Multirate up to 3.2 Gb/s
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Simplex SC Connector: SPB-9820RWG
l Simplex LC Connector: SPB-9820RLWG
l SFF-8472 Digital Diagnostic Function
l 1310 nm DFB LD Transmitter
l 1490 nm Receiver
l Distance Up to 20 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: SPB-9820RWG
l -10 to 85oC Operation: SPB-9820BRWG
l -40 to 85oC Operation: SPB-9820ARWG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l 10GBASE LX-4
l Serial ATA / ATA2
l SONET OC-48 / SDH STM-16
l SONET OC-12 / SDH STM-4
l SONET OC-3 / SDH STM-1
l Gigabit Ethernet / 1X/2X Fibre Channel
DESCRIPTION
The SPB-9820RWG series is high performance module for
10GBASE LX-4, Serial ATA/ATA2, SONET OC-48 / SDH
STM-16, Gigabit Ethernet 1000BASE-LX and 1x/2x Fibre
Channel single fiber communications by using 1310 nm
transmitter and 1550 nm receiver. It is with the SFP 20-pin
connector to allow hot plug capability. Digital diagnostic
functions are available via an I
2C. The transmitter section
uses a multiple quantum well 1310 nm DFB laser and is a
class 1 laser compliant according to International Safety
Standard IEC 60825. The receiver section is designed to
receive 1490 nm signal. The receiver section uses an
integrated 1490 nm detector preamplifier (IDP) mounted in
an optical header and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPB-9820RWG
Multirate*
20
1310DFB
1490
SC SFP with DMI
0 to 70
0 to -5
-18
Yes
SPB-9820BRWG
Multirate*
20
1310DFB
1490
SC SFP with DMI
-10 to 85
0 to -5
-18
Yes
SPB-9820ARWG
Multirate*
20
1310DFB
1490
SC SFP with DMI
-40 to 85
0 to -5
-18
Yes
SPB-9820RLWG
Multirate*
20
1310DFB
1490
LC SFP with DMI
0 to 70
0 to -5
-18
Yes
SPB-9820BRLWG Multirate*
20
1310DFB
1490
LC SFP with DMI
-10 to 85
0 to -5
-18
Yes
SPB-9820ARLWG Multirate*
20
1310DFB
1490
LC SFP with DMI
-40 to 85
0 to -5
-18
Yes
Multirate*: 3.185Gb/s, 3.125Gb/s, 2.67 Gb/s / OC-48 / 2X FC / GbE / 1X FC / OC-12 / OC-3


Similar Part No. - SPB-9820BRWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9820BRG OPTOWAY-SPB-9820BRG Datasheet
178Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9820BRG OPTOWAY-SPB-9820BRG Datasheet
187Kb / 6P
   3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9820BRLG OPTOWAY-SPB-9820BRLG Datasheet
178Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9820BRLG OPTOWAY-SPB-9820BRLG Datasheet
187Kb / 6P
   3.2 Gb/s Single-Fiber SFP Transceiver
More results

Similar Description - SPB-9820BRWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9840RWG OPTOWAY-SPB-9840RWG Datasheet
178Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9940RWG OPTOWAY-SPB-9940RWG Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / 3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9905RWG OPTOWAY-SPB-9905RWG Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / 3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9920RWG OPTOWAY-SPB-9920RWG Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / 3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9805RWG OPTOWAY-SPB-9805RWG Datasheet
178Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9920RG OPTOWAY-SPB-9920RG Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9820RG OPTOWAY-SPB-9820RG Datasheet
178Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9840RG OPTOWAY-SPB-9840RG Datasheet
178Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9905RG OPTOWAY-SPB-9905RG Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
SPB-9940RG OPTOWAY-SPB-9940RG Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / 3.2 Gb/s Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com