Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWA-3800 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FWA-3800
Description  1U Rackmount Intel짰 Core?? Duo Processor-based Platform with 6 PCIe LAN Ports
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-3800 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FWA-3800 Datasheet HTML 1Page - Advantech Co., Ltd. FWA-3800 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
FWA-3800
1U Rackmount Intel® Core™2 Duo
Processor-based Platform with 6 PCIe
LAN Ports
Supports Intel® Core™2 Duo Processor
Intel® Q965 chipset, 1066 MHz FSB
Dual-channel DDR2 memory, up to 4 GB
6 x PCIe GbE LAN ports w/LAN bypass
1 x proprietary PCIe x4 connector for LAN expansion board
Supports 1 x 3.5" SATA HDD
Introduction
A high-performance and power-efficient network security platform, the FWA-3800 is specifically designed for advanced Internet security applications where performance is in high
demand. The FWA-3800 adopts the latest Intel Core 2 Duo processor and Intel Q965 chipset. This supports up to 4 GB of dual-channel DDR2 SDRAM on two DIMMs. The platform
reserves space for one 3.5" SATA HDD and one CompactFlash slot for storing or upgrade OS and other network security applications. By leveraging PCI Express (PCIe) technology, the
FWA-3800 takes full advantage of the ICH8D0 PCIe capability to maximize I/O throughput. The platform has six PCIe x1 lanes connected directly to the Intel 82573 Ethernet controllers
to offer 6 ports of Gigabit Ethernet at wire speed. For easy access, the front panel also has an RJ-45 console port and LCD Module for local system management, maintenance, and
diagnostics. It is FCC, CE, UL, CCC and RoHS compliant.
Specifications
Processor System
CPU
Intel Core 2 Duo / Intel Pentium D 4
Max Speed
2.66 GHz/ 3.4 GHz/ 3.4 GHz
Chipset
Intel Q965 and ICH8D0
Front Side Bus
1066/ 800 MHz
BIOS
Award™ 16 Mbit SPI
Memory
Technology
Dual-channel DDR2 533/ 667/ 800 MHz
Max. Capacity
Up to 4 GB with 2 slots
Onboard Expansion
PCI Express (PCIe)
1 proprietary internal PCIe x4 connector for LAN expansion board
Riser Card
2 PCI-X 100 slots (Option) support full-height cards and external access
Mini PCI
One 32-bit/33 MHz Mini PCI slot
Ethernet
Interface
6 x 10/100/1000 Mbps Intel 82573 PCIe-based ports
LAN Bypass
3 segments in pairs
Storage
SATA
Supports 1 x 3.5" SATA HDD. Max. data transfer rate 300 MB/s
CompactFlash Socket
1 CF socket
Peripheral
USB
1 (USB2.0)
Serial
1 (RJ-45)
LCD Module
1
Power
Watt
250 W
Input
AC 100 ~ 240 V @ 50 ~ 60 Hz, full range
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 75° C (-4 ~ 167° F)
Humidity
5 ~ 85 % @ 40° C (104° F)
5 ~ 95 %
Physical
Dimensions (W x H x D)
430 x 44 x 435 mm (17" x 1.7" x 17.1")
Weight
4.5 kg (9.9 lb)
RoHS
COMPLIANT
2002/95/EC
NEW


Similar Part No. - FWA-3800

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWA-3000AH COOPER-FWA-3000AH Datasheet
750Kb / 20P
   High Speed Fuses
FWA-300B COOPER-FWA-300B Datasheet
750Kb / 20P
   High Speed Fuses
logo
Advantech Co., Ltd.
FWA-3033 ADVANTECH-FWA-3033 Datasheet
895Kb / 2P
   1U Rackmount Network Appliance with 10 GbE LAN ports and 2NMC Slots based on Intel Xeon® E family and 8th/9th gen. Intel® Core™ i9/i7/i5/i3 processors
20-Oct-2022
FWA-3033-00A1R ADVANTECH-FWA-3033-00A1R Datasheet
895Kb / 2P
   1U Rackmount Network Appliance with 10 GbE LAN ports and 2NMC Slots based on Intel Xeon® E family and 8th/9th gen. Intel® Core™ i9/i7/i5/i3 processors
20-Oct-2022
FWA-3033L-00A1S ADVANTECH-FWA-3033L-00A1S Datasheet
895Kb / 2P
   1U Rackmount Network Appliance with 10 GbE LAN ports and 2NMC Slots based on Intel Xeon® E family and 8th/9th gen. Intel® Core™ i9/i7/i5/i3 processors
20-Oct-2022
More results

Similar Description - FWA-3800

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FWA-3710 ADVANTECH-FWA-3710 Datasheet
689Kb / 2P
   1U Rackmount Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
FWA-3700 ADVANTECH-FWA-3700 Datasheet
1Mb / 2P
   1U Rackmount Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
FWA-710 ADVANTECH-FWA-710 Datasheet
733Kb / 2P
   Tabletop Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
FWA-700 ADVANTECH-FWA-700 Datasheet
1Mb / 2P
   Tabletop Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
31-Oct-2007
FWA-6480 ADVANTECH-FWA-6480 Datasheet
783Kb / 2P
   Two Dual/Quad-Core Intel짰 Xeon짰 Processor-based 2U Rackmount Platform with up to 8 PCIe GbE LAN Ports
FWA-3140 ADVANTECH-FWA-3140 Datasheet
1Mb / 2P
   1U Rackmount Intel짰 Pentium짰 4 Processor-based Platform with 4 PCI LAN Ports/2 PCI Expansion Slots
FWA-3240 ADVANTECH-FWA-3240 Datasheet
1Mb / 2P
   1U Rackmount Intel Tolapai-based Platform with 4 Front LAN Ports & LCD Display
AIMB-782 ADVANTECH-AIMB-782 Datasheet
2Mb / 2P
   3rd generation Intel짰 Core??processor-based platform
FWA-6280-C ADVANTECH-FWA-6280-C Datasheet
1Mb / 2P
   2U Rackmount Intel Xeon짰 Processor-based Platform with Modular PCIe LAN I/O Cards
logo
AAEON Technology
FWS-7810 AAEON-FWS-7810 Datasheet
307Kb / 2P
   1U Rackmount 8 LAN Ports Network Appliance with Intel짰 C226 Chipset
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com