Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCI-6881F-00A2E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCI-6881F-00A2E
Description  PCI Intel짰 Pentium짰 M/Intel Celeron짰 M PCI Half-sized SBC with VGA/LCD/LVDS/GbE LAN/USB 2.0 and SSD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCI-6881F-00A2E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCI-6881F-00A2E Datasheet HTML 1Page - Advantech Co., Ltd. PCI-6881F-00A2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech.com/products
Online Download
6-41
Computer On
Modules
1
Embedded
Single Board
Computers
2
Compact
Embedded
Computers
3
Pre-configured
Systems
4
Industrial
Motherboards
5
Slot Single
Board
Computers
6
Industrial
Computer
Chassis
7
Industrial
Computer
Peripherals
8
Panel PCs
9
Display
Solutions
10
Digital
Video
Solutions
11
Vehicle
Mounted
Computers
12
Portable
Computers
13
M2M
Modules
14
Embedded
Software
Services
15
Features
PCI-6881
PCI Intel® Pentium® M/Intel Celeron® M
PCI Half-sized SBC with VGA/LCD/LVDS/
GbE LAN/USB 2.0 and SSD
Supports Intel® Pentium® M/Intel Celeron® M Processor
Fanless operation @ 0 ~ 60° C
Supports 400 MHz Front Side Bus
Supports 200 MHz, 266 MHz and 333 MHz DDR SDRAM
Supports up to 2 Channel 36 bits LVDS for LCD
Supports four USB 2.0 ports
Supports Enhanced Intel SpeedStep Technology (Intel Pentium M)
Fanless version available with onboard Intel Celeron M 600 MHz
Specifications
Processor System
CPU
Intel Pentium M/ Celeron M(Socket)
Intel Celeron M (on board type)
Max. Speed
2.1 GHz & above (400 FSB)
600 MHz
L2 Cache
1 M/ 2 M
512 KB
Chipset
Intel 855 GME + ICH4
BIOS
AWARD 4 Mbit FWH
Bus
Front Side Bus
400 MHz
PCI
32-bit/ 33 MHz
ISA
-
Memory
Technology
DDR 200/266/333 MHz SDRAM SODIMM
Max. Capacity
2GB
Socket
200-pin SO-DIMM x 2
Graphics
Controller
Chipset integrated VGA controller
VRAM
Dynamically shared system memory, 8~64 MB
LVDS
Dual-channel 36-bit LVDS
TTL
-
Dual Display
CRT + LVDS
Ethernet
Interface
10/100 Base-T
Controller
Intel 82551ER (FE)
Connector
RJ-45*1
EIDE
Mode
ATA 100/66/33
Channel
2 (Max. 4 devices)
SATA (150MB/s)
port
-
I/O Interface
USB
Max. 4 (USB 2.0 compliant)
Serial
3 (RS-232)/ 1 (RS-232/RS-422/RS-485)
Parallel
1
FDD
1
PS/2
1 (for mouse and Keyboard, Y cable included)
Watchdog Timer
Output
Interrupt, system reset
Interval
Programmable, 1-255 sec.
Miscellaneous
Audio Output
AC97 Audio interface (requires an audio extension module P/N: PCM-231A-00A1E)
Solid State Disk
Compact Flash socket (Type I/II), shared with secondary IDE
Power Requirement
Typical
Pentium M 1.6 GHz, 512 MB SDRAM SODIMM
+12 V (0.25 A)
+5 V (5.2 A)
Max
Pentium M 1.6 GHz, 512 MB SDRAM SODIMM
+12 V (0.5 A)
+5 V (6 A)
Environment
Temperature
Operating
Non-Operating
0 ~ 60° C
- 20 ~ 70° C
Physical
Dimensions
185 mm (L) x 122 mm (W) (7.3" x 4.8")
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - PCI-6881F-00A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-6880 ADVANTECH-PCI-6880 Datasheet
148Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M Half-sized SBC with VGA/LCD/LVDS/Giga LAN/USB 2.0/SATA and SSD
7-Feb-2007
PCI-6880F-00A1E ADVANTECH-PCI-6880F-00A1E Datasheet
148Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M Half-sized SBC with VGA/LCD/LVDS/Giga LAN/USB 2.0/SATA and SSD
7-Feb-2007
PCI-6880F-M0A1E ADVANTECH-PCI-6880F-M0A1E Datasheet
148Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M Half-sized SBC with VGA/LCD/LVDS/Giga LAN/USB 2.0/SATA and SSD
7-Feb-2007
PCI-6880F-S1A1E ADVANTECH-PCI-6880F-S1A1E Datasheet
148Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M Half-sized SBC with VGA/LCD/LVDS/Giga LAN/USB 2.0/SATA and SSD
7-Feb-2007
PCI-6880FG-00A1E ADVANTECH-PCI-6880FG-00A1E Datasheet
148Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M Half-sized SBC with VGA/LCD/LVDS/Giga LAN/USB 2.0/SATA and SSD
7-Feb-2007
More results

Similar Description - PCI-6881F-00A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCI-6880 ADVANTECH-PCI-6880 Datasheet
148Kb / 2P
   PCI Intel짰 Pentium짰 M/Intel Celeron짰 M Half-sized SBC with VGA/LCD/LVDS/Giga LAN/USB 2.0/SATA and SSD
7-Feb-2007
PCI-6886 ADVANTECH-PCI-6886 Datasheet
370Kb / 2P
   Intel짰 Celeron짰 M PCI Half-sized SBC with VGA/LVDS/LAN/USB 2.0/SATA and SSD
PCA-6781 ADVANTECH-PCA-6781 Datasheet
1Mb / 2P
   ISA Half-sized SBC, ULV Celeron짰 M, VGA/LVDS/LAN/CFC/USB 2.0
PCI-6873 ADVANTECH-PCI-6873 Datasheet
395Kb / 2P
   AMD Geode??LX800 PCI Half-sized SBC with VGA/LCD/LVDS/LAN/SATA and SSD
PCM-9381 ADVANTECH-PCM-9381 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, DVI, LAN, USB
PCM-9380 ADVANTECH-PCM-9380 Datasheet
362Kb / 2P
   3.5" SBC with Intel짰 Pentium짰 M, VGA, LVDS, LAN, USB, MIO
PCI-7020 ADVANTECH-PCI-7020_11 Datasheet
1Mb / 2P
   LGA775 Intel짰 Core?? Duo PCI Half-size SBC with VGA/GbE LAN/SATA and SSD
PCM-9388 ADVANTECH-PCM-9388 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 Celeron짰 M, VGA, LCD, LAN , USB, ISA
09-Nov-2009
PCM-9386 ADVANTECH-PCM-9386 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, LAN, USB, MIO
09-Nov-2009
PCM-9387 ADVANTECH-PCM-9387 Datasheet
1Mb / 3P
   3.5" SBC with Intel짰 ULV Celeron짰 M, VGA, LVDS, DVI, LAN, USB
09-Nov-2009
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com