Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE510 Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE510
Description  Dual, Low noise, 150mA LDO regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE510 Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE510 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE510 Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
 
                                                                                                                     
ACE510
                        Technology
D
ual, Low noise, 150mA LDO regulator
VER 1.2
2
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input voltage
VIN
10
V
Power Dissipation
SOT-23-6
200
mW
Junction temperature
TJ
125
OC
Storage temperature
TS
- 45 to 150
OC
Output Current
200
mA
Packaging Type
SOT-23-6
6
5
4
1
2
3
Pin
SOT-23-6(C)
SOT-23-6(D)
SOT-23-6(E)
Function
Vout1
1
6
6
Output 1 pin
Vdd
2
2
5
Input pin
Vout2
3
4
1
Output 2 pin
CE2
4
3
3
Chip Enable pin2
GND
5
5
2
Ground pin
CE1
6
1
4
Chip Enable pin1


Similar Part No. - ACE510

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE511 ACE-ACE511 Datasheet
345Kb / 8P
   500mA LDO Linear Voltage Regulator
VER 1.2
ACE511115AM+H ACE-ACE511115AM+H Datasheet
345Kb / 8P
   500mA LDO Linear Voltage Regulator
VER 1.2
ACE511115BM+H ACE-ACE511115BM+H Datasheet
345Kb / 8P
   500mA LDO Linear Voltage Regulator
VER 1.2
ACE511118AM+H ACE-ACE511118AM+H Datasheet
345Kb / 8P
   500mA LDO Linear Voltage Regulator
VER 1.2
ACE511118BM+H ACE-ACE511118BM+H Datasheet
345Kb / 8P
   500mA LDO Linear Voltage Regulator
VER 1.2
More results

Similar Description - ACE510

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7201 EUTECH-EUP7201 Datasheet
312Kb / 13P
   Dual ,Low-Noise,150mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8560 BELLING-BL8560 Datasheet
1Mb / 10P
   Dual,Low noise, 150mA LDO regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com