Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB-9820MLG Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # SPB-9820MLG
Description  1310 nm TX / 1490 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9820MLG Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPB-9820MLG Datasheet HTML 1Page - Optoway Technology Inc SPB-9820MLG Datasheet HTML 2Page - Optoway Technology Inc SPB-9820MLG Datasheet HTML 3Page - Optoway Technology Inc SPB-9820MLG Datasheet HTML 4Page - Optoway Technology Inc SPB-9820MLG Datasheet HTML 5Page - Optoway Technology Inc SPB-9820MLG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Optoway
SPB-9820MG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V1.0
5
PACKAGE DIAGRAM
Units in mm
A) SC SFP
B) LC SFP
Note: Specifications subject to change without notice.


Similar Part No. - SPB-9820MLG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9820MLG OPTOWAY-SPB-9820MLG Datasheet
177Kb / 6P
   Multirate Single-Fiber SFP Transceiver
More results

Similar Description - SPB-9820MLG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9920MG OPTOWAY-SPB-9920MG Datasheet
177Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9940MG OPTOWAY-SPB-9940MG Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9805MG OPTOWAY-SPB-9805MG Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9840MG OPTOWAY-SPB-9840MG Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9905MG OPTOWAY-SPB-9905MG_08 Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9920MWG OPTOWAY-SPB-9920MWG Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9805MWG OPTOWAY-SPB-9805MWG Datasheet
178Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / Multirate Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9905MWG OPTOWAY-SPB-9905MWG Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9820MWG OPTOWAY-SPB-9820MWG Datasheet
178Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / Multirate Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9840MWG OPTOWAY-SPB-9840MWG Datasheet
178Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / Multirate Digital Diagnostic Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com