Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCRJ11-1 Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # PCRJ11-1
Description  Filtered Modular Jacks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PCRJ11-1 Datasheet(HTML) 1 Page - Coilcraft lnc.

  PCRJ11-1 Datasheet HTML 1Page - Coilcraft lnc. PCRJ11-1 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Filtered Modular Jacks - PCRJ Series
Document 189-1
Document 189-1
Revised 04/07/09
These filtered jacks virtually eliminate conducted and
radiated noise in voice or data lines. And they suppress
noise at the best possible spot for incoming and outgo-
ing signals.
Available in RJ-45, -14 and -11 versions, they use a
single high impedance magnetic structure to filter mul-
tiple signal lines simultaneously, providing common mode
noise reduction without affecting the desired signal —
something ferrite beads or sleeves can’t achieve.
The -1 series jacks reduce common mode noise by 45 dB
at 100 MHz while passing signals up to 48 MHz without
attenuation; the -2 versions provide 20 dB attenuation at
100 MHz and pass differential mode signals up to 140 MHz.
The jacks come standard with a solderable shield and
match standard industry footprints. Custom models are
available to meet specific response characteristics.
Number of
Current
Part
Number of
contacts
max
number
positions
loaded
(mA) Schematic
PCRJ11-1
6
2
500
A
PCRJ14-1
6
4
500
B
PCRJ11-2
6
2
500
A
PCRJ14-2
6
4
500
C
PCRJ454-2
8
4
500
D
PCRJ458-1
8
8
500
E
PCRJ458-2
8
8
500
E
Specifications
PCRJ11 and 14
PCRJ454 and 458
1
1
3
1
2
2
2
4
2
3
3
3
5
3
3
1
4
4
6
4
4
2
5
5
6
6
7
7
8
8
3
1
2
4
2
3
5
3
3
1
6
4
4
2
Plug
terminals
Plug
terminals
Plug
terminals
Plug
terminals
Plug
terminals
PCRJ
pins
PCRJ
pins
PCRJ
pins
PCRJ
pins
PCRJ
pins
AB
C
E
D
Schematics
1. Operating temperature range -40°C to +85°C
2. Electrical specifications at 25°C
0.05
1,27
Board
edge
0.690
17,53
0.555
14,10
0.58
14,73
0.91
23,11
0.86
21,84
0.626
15,90
0.66
16,76
0.115
2,92
0.100
2,54
0.075
1,91
dia
0.03
0,76
dia
0.012 × 0.065
0,30 × 1,65
0.02
0,51
dia
0.193
4,90
0.088
2,235
1
3
Recommended
Board Layout
Board
edge
0.690
17,53
0.555
14,10
0.05
1,27
0.10
2,54
0.130
3,30
0.180
4,57
0.66
16,76
0.91
23,11
0.86
21,84
0.710
17,81
0.66
16,76
0.115
2,92
0.03
0,76
dia
0.100
2,54
0.075
1,91
dia
1
7
0.012 × 0.065
0,30 × 1,65
0.02
0,51
dia
Recommended
Board Layout
0.088
2,235
This product is not RoHS-compliant. Contact Coilcraft
for current status or possible alternatives.


Similar Part No. - PCRJ11-1

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PCRJ11-1 COILCRAFT-PCRJ11-1 Datasheet
150Kb / 2P
   Filtered Modular Jacks ??PCRJ Series
PCRJ11-1 COILCRAFT-PCRJ11-1_13 Datasheet
150Kb / 2P
   Filtered Modular Jacks ??PCRJ Series
More results

Similar Description - PCRJ11-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
LCT TEC-LCT Datasheet
273Kb / 6P
   Low Profile Filtered Modular Jacks
logo
Tyco Electronics
RJ11-6N-B MACOM-RJ11-6N-B_11 Datasheet
273Kb / 6P
   Low Profile Filtered Modular Jacks
logo
Coilcraft lnc.
PCRJ11-1 COILCRAFT-PCRJ11-1_13 Datasheet
150Kb / 2P
   Filtered Modular Jacks ??PCRJ Series
logo
Tyco Electronics
RJ11-2LC1-S MACOM-RJ11-2LC1-S Datasheet
249Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
RJ11-2LC1-S MACOM-RJ11-2LC1-S_11 Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
logo
TE Connectivity Ltd
RJ11-2LC1-S TEC-RJ11-2LC1-S Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
LC TEC-LC_V01 Datasheet
285Kb / 6P
   Filtered Modular Jacks with Enhanced Performance
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
Yamaichi Electronics Co...
TS4A YAMAICHI-TS4A Datasheet
181Kb / 6P
   Modular Jacks
logo
TE Connectivity Ltd
RJ11-2X TEC-RJ11-2X Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com