Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSD1260T-104ML Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # MSD1260T-104ML
Description  Coupled Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MSD1260T-104ML Datasheet(HTML) 2 Page - Coilcraft lnc.

  MSD1260T-104ML Datasheet HTML 1Page - Coilcraft lnc. MSD1260T-104ML Datasheet HTML 2Page - Coilcraft lnc. MSD1260T-104ML Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© Coilcraft, Inc. 2009
High Temperature Coupled Inductors for SEPIC – MSD1260T
Document 703-2
Specifications subject to change without notice.
Please check our website for latest information.
Document 703-2
Revised 08/28/09
Irms(A)
Inductance2
DCRmax3
SRF typ4
Isat (A)5
both
one
Part number1
(µH)
(Ohms)
(MHz)
10%drop
20%drop
30%drop
windings6
winding7
MSD1260T-472ML_
4.7 ±20%
0.036
38.0
9.00
10.18
11.08
3.16
4.47
MSD1260T-562ML_
5.6 ±20%
0.040
30.0
8.00
9.06
9.84
3.00
4.24
MSD1260T-682ML_
6.8 ±20%
0.048
27.0
7.00
8.00
1.64
2.75
3.88
MSD1260T-822ML_
8.2 ±20%
0.052
26.0
6.44
7.38
7.98
2.63
3.72
MSD1260T-103ML_
10
±20%
0.060
22.0
5.40
6.32
6.88
2.45
3.46
MSD1260T-123ML_
12
±20%
0.074
20.0
5.30
6.18
6.70
2.21
3.12
MSD1260T-153ML_
15
±20%
0.085
18.0
4.60
5.30
5.80
2.06
2.92
MSD1260T-183ML_
18
±20%
0.097
16.0
4.50
5.22
5.68
1.93
2.73
MSD1260T-223ML_
22
±20%
0.116
15.0
4.00
4.62
5.02
1.76
2.49
MSD1260T-273ML_
27
±20%
0.124
13.0
3.60
4.14
4.50
1.70
2.41
MSD1260T-333ML_
33
±20%
0.134
12.4
3.30
3.80
4.14
1.64
2.32
MSD1260T-393ML_
39
±20%
0.142
12.0
3.00
3.48
3.82
1.59
2.25
MSD1260T-473ML_
47
±20%
0.174
11.6
2.70
3.12
3.40
1.44
2.03
MSD1260T-563ML_
56
±20%
0.198
10.5
2.50
2.90
3.14
1.35
1.91
MSD1260T-683ML_
68
±20%
0.216
10.0
2.30
2.66
2.88
1.29
1.83
MSD1260T-823ML_
82
±20%
0.274
8.6
2.10
2.40
2.60
1.15
1.62
MSD1260T-104ML_
100
±20%
0.322
7.8
1.90
2.18
2.38
1.06
1.50
MSD1260T-124KL_
120
±10%
0.418
6.8
1.60
1.84
2.04
0.93
1.31
MSD1260T-154KL_
150
±10%
0.476
6.4
1.50
1.76
1.92
0.87
1.23
MSD1260T-184KL_
180
±10%
0.536
6.1
1.40
1.64
1.78
0.82
1.16
MSD1260T-224KL_
220
±10%
0.691
5.5
1.30
1.48
1.60
0.72
1.02
MSD1260T-274KL_
270
±10%
0.806
4.3
1.10
1.30
1.40
0.67
0.95
MSD1260T-334KL_
330
±10%
1.09
4.0
1.00
1.16
1.26
0.57
0.81
MSD1260T-394KL_
390
±10%
1.20
3.6
0.950
1.11
1.23
0.55
0.77
MSD1260T-474KL_
470
±10%
1.59
3.0
0.900
0.994
1.09
0.48
0.67
MSD1260T-564KL_
560
±10%
1.81
2.8
0.800
0.908
0.948
0.45
0.63
MSD1260T-684KL_
680
±10%
2.06
2.6
0.700
0.804
0.874
0.42
0.59
MSD1260T-824KL_
820
±10%
2.65
2.5
0.640
0.732
0.802
0.37
0.52
MSD1260T-105KL_
1000
±10%
3.06
2.4
0.590
0.674
0.728
0.34
0.49
1. When ordering, please specify termination and packaging codes:
MSD1260T-105K
LD
Termination: L = RoHS compliant matte tin over nickel over phos bronze.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging:
D =13
″ machine-ready reel. EIA-481 embossed plastic
tape (500 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
2. Inductance shown for each winding, measured at 100 kHz, 0.1 Vrms, 0
Adc on an Agilent/HP 4284A LCR meter or equivalent. When leads are
connected in parallel, inductance is the same value. When leads are
connected in series, inductance is four times the value.
3. DCR is for each winding. When leads are connected in parallel, DCR is
half the value. When leads are connected in series, DCR is twice the
value.
4. SRF measured using an Agilent/HP 4191A or equivalent. When leads
are connected in parallel, SRF is the same value.
5. DC current, at which the inductance drops the specified amount from its
value without current. It is the sum of the current flowing in both
windings.
6. Equal current when applied to each winding simultaneously that causes
a 40°C temperature rise from 25°C ambient. See temperature rise
calculation.
7. Maximum current when applied to one winding that causes a 40°C
temperature rise from 25°C ambient. See temperature rise calculation.
8. Electrical specifications at 25°C.
Refer to Doc 639 “Selecting Coupled Inductors for SEPIC Applications.”
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Temperature rise calculation based on specified Irms
Temperature rise ( t) = Winding power loss ×
55.6°C
W
Δ
Δt =
×
55.6°C
W
(
+
) × DCR
II
L1
2
L2
2
Winding power loss = (
+
) × DCR in Watts (W)
II
L1
2
L2
2
Example 1. MSD1260T-153ML (Equal current in each winding)
Winding power loss = (2.06 + 2.06 ) × 0.085 = 0.721 W
t = 0.721 W ×
55.6°C
W
= 40°C
22
Δ
Example 2.
(
= 2.4 A,
Winding p
MSD1260T-153ML
= 1.3 A)
II
L1
L2
22
ower loss = (2.4 + 1.3 ) × 0.085 = 0.633 W
t = 0.633 W ×
55.6°C
W
= 35.2°C
Δ
Coupled Inductor Core and Winding Loss Calculator
This web-based utility allows you to enter frequency, peak-to-peak (ripple)
current, and
Irms current to predict temperature rise and overall losses,
including core loss. Visit www.coilcraft.com/coupledloss.


Similar Part No. - MSD1260T-104ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSD1260T-104ML_ COILCRAFT-MSD1260T-104ML_ Datasheet
500Kb / 3P
   Coupled Inductors
More results

Similar Description - MSD1260T-104ML

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPR4012-202AML COILCRAFT-LPR4012-202AML Datasheet
210Kb / 2P
   Coupled Inductors
MSD1278T COILCRAFT-MSD1278T Datasheet
238Kb / 3P
   Coupled Inductors
LPD4012 COILCRAFT-LPD4012_15 Datasheet
413Kb / 3P
   Coupled Inductors
MSD1048 COILCRAFT-MSD1048 Datasheet
512Kb / 3P
   Coupled Inductors
MSD1260 COILCRAFT-MSD1260_15 Datasheet
513Kb / 3P
   Coupled Inductors
LPD5010 COILCRAFT-LPD5010 Datasheet
433Kb / 3P
   Coupled Inductors
LPD6235 COILCRAFT-LPD6235 Datasheet
453Kb / 3P
   Coupled Inductors
MSC1278 COILCRAFT-MSC1278 Datasheet
235Kb / 2P
   Coupled Inductors
MSD7342 COILCRAFT-MSD7342_15 Datasheet
431Kb / 3P
   Coupled Inductors
MSD1260-103MLD COILCRAFT-MSD1260-103MLD Datasheet
251Kb / 3P
   Coupled Inductors
LPD5030 COILCRAFT-LPD5030 Datasheet
275Kb / 3P
   Coupled Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com