Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82721K2152N001 Datasheet(PDF) 5 Page - EPCOS

Part # B82721K2152N001
Description  Power line chokes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82721K2152N001 Datasheet(HTML) 5 Page - EPCOS

  B82721K2152N001 Datasheet HTML 1Page - EPCOS B82721K2152N001 Datasheet HTML 2Page - EPCOS B82721K2152N001 Datasheet HTML 3Page - EPCOS B82721K2152N001 Datasheet HTML 4Page - EPCOS B82721K2152N001 Datasheet HTML 5Page - EPCOS B82721K2152N001 Datasheet HTML 6Page - EPCOS B82721K2152N001 Datasheet HTML 7Page - EPCOS B82721K2152N001 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
01/09
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Horizontal version B82721A
Vertical versions B82721J, B82721K
× = approval granted
IR
A
LR
mH
Lstray,typ
μH
Rtyp
m
Ω
TR
°C
Ordering code
Approvals
Horizontal version
0.4
39
450
2000
40
B82721A2401N020
××
0.4
27
300
1700
40
B82721A2401N021
××
0.5
18
250
1400
40
B82721A2501N001
××
0.6
15
170
700
40
B82721A2601N020
0.7
10
110
550
60
B82721A2701N020
××
1.2
6.8
80
280
40
B82721A2122N020
××
1.5
3.3
37
180
40
B82721A2152N001
××
2.0
1.0
13
80
40
B82721A2202N001
××
2.6
0.4
6
55
40
B82721A2262N001
××
3.6
0.4
6
35
40
B82721A2362N001
××
4.0
0.7
7
30
40
B82721A2402N020
IR
A
LR
mH
Lstray,typ
μH
Rtyp
m
Ω
TR
°C
Ordering code
Approvals
Vertical version (J)
Vertical version (K)
0.3
47
500
2200
50
B82721J2301N020 B82721K2301N020
××
0.4
39
450
2000
40
B82721J2401N020 B82721K2401N020
××
0.4
27
300
1700
40
B82721J2401N021 B82721K2401N021
××
0.5
18
250
1400
40
B82721J2501N001 B82721K2501N001
××
0.5
15
160
800
40
B82721J2501N021 –
0.5
15
160
800
40
B82721K2501N021
×
0.5
27
290
1100
60
B82721K2501N022 –
0.6
15
170
700
40
B82721K2601N020 –
0.7
10
110
550
60
B82721J2701N020 B82721K2701N020
××
1.2
6.8
80
280
40
B82721J2122N020 B82721K2122N020
××
1.5
3.3
37
180
40
B82721J2152N001 B82721K2152N001
××
2.0
1.0
13
80
40
B82721K2202N001
××
2.5
0.6
8
60
40
B82721K2252N020 –
2.6
0.4
6
55
40
B82721K2262N001
××
3.6
0.4
6
35
40
B82721K2362N001
××
4.0
0.7
7
30
40
B82721K2402N020 –
6.0
0.2
2.5
15
40
B82721K2602N020 –
B82721A/J/K
Power line chokes
Current-compensated ring core double chokes


Similar Part No. - B82721K2152N001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82721K2152N001 EPCOS-B82721K2152N001 Datasheet
207Kb / 8P
   Current-compensated ring core double chokes
logo
TDK Electronics
B82721K2152N001 TDK-B82721K2152N001 Datasheet
286Kb / 9P
   Current-compensated ring core double chokes
More results

Similar Description - B82721K2152N001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com