Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82422A3681K100 Datasheet(PDF) 6 Page - EPCOS

Part # B82422A3681K100
Description  SMT inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82422A3681K100 Datasheet(HTML) 6 Page - EPCOS

  B82422A3681K100 Datasheet HTML 1Page - EPCOS B82422A3681K100 Datasheet HTML 2Page - EPCOS B82422A3681K100 Datasheet HTML 3Page - EPCOS B82422A3681K100 Datasheet HTML 4Page - EPCOS B82422A3681K100 Datasheet HTML 5Page - EPCOS B82422A3681K100 Datasheet HTML 6Page - EPCOS B82422A3681K100 Datasheet HTML 7Page - EPCOS B82422A3681K100 Datasheet HTML 8Page - EPCOS B82422A3681K100 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
06/09
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Closer tolerances and special versions on request.
Higher currents possible at temperatures <TR on request.
Sample kit available. Ordering code: B82422X100
For more information refer to chapter “Sample kits”.
1) Replace the + by the code letter for the required inductance tolerance.
For reel size
∅ 330 mm the last digit has to be an »8«. Example: B82422A1104K108
2) For Ni-barrier-plated terminals replace the last three digits “100” by “150” (reel 180 mm) or “158” (reel 330 mm).
LR
μH
Tolerance
fL
MHz
Qmin
fQ
MHz
IR
mA
Rmax
Ω
fres, min
MHz
Ordering code1)2)
(
∅ 180-mm reel)
Core material: ferrite
1.0
±5% J
±10% K
1
20
7.96
380
0.34
320
B82422A1102+100
1.2
1
20
7.96
370
0.37
300
B82422A1122+100
1.5
1
20
7.96
340
0.50
270
B82422A1152+100
1.8
1
25
7.96
290
0.60
250
B82422A1182+100
2.2
1
25
7.96
270
0.75
125
B82422A1222+100
2.7
1
25
7.96
240
0.88
110
B82422A1272+100
3.3
1
27
7.96
200
1.20
110
B82422A1332+100
3.9
1
27
7.96
190
1.40
110
B82422A1392+100
4.7
1
27
7.96
150
2.20
110
B82422A1472+100
5.6
1
27
7.96
140
2.60
100
B82422A1562+100
6.8
1
27
7.96
135
2.80
90
B82422A1682+100
8.2
1
27
7.96
130
3.00
90
B82422A1822+100
10
1
27
2.52
180
1.60
25
B82422A1103+100
12
0.1
27
2.52
175
1.65
23
B82422A1123+100
15
0.1
27
2.52
165
1.85
20
B82422A1153+100
18
0.1
27
2.52
155
2.00
17
B82422A1183+100
22
0.1
27
2.52
140
2.65
16
B82422A1223+100
27
0.1
27
2.52
120
3.70
15
B82422A1273+100
33
0.1
27
2.52
105
4.50
13
B82422A1333+100
39
0.1
27
2.52
90
6.30
12
B82422A1393+100
47
0.1
27
2.52
85
7.00
11
B82422A1473+100
56
0.1
27
2.52
85
6.75
9
B82422A1563+100
68
0.1
27
2.52
80
7.70
9
B82422A1683+100
82
0.1
27
2.52
70
10.0
8
B82422A1823+100
100
0.1
27
2.52
65
11.5
7
B82422A1104+100
^
^
B82422A*100
SMT inductors, SIMID series
SIMID 1210-100


Similar Part No. - B82422A3681K100

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82422A3100J100 TDK-B82422A3100J100 Datasheet
146Kb / 2P
   Inductors (Coils)
B82422A3100J108 TDK-B82422A3100J108 Datasheet
146Kb / 2P
   Inductors (Coils)
B82422A3101J100 TDK-B82422A3101J100 Datasheet
146Kb / 2P
   Inductors (Coils)
B82422A3101J108 TDK-B82422A3101J108 Datasheet
146Kb / 2P
   Inductors (Coils)
B82422A3101K108 TDK-B82422A3101K108 Datasheet
146Kb / 2P
   Inductors (Coils)
More results

Similar Description - B82422A3681K100

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com