Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B08T-L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # B08T-L
Description  Mini Spring??Air Core Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

B08T-L Datasheet(HTML) 1 Page - Coilcraft lnc.

  B08T-L Datasheet HTML 1Page - Coilcraft lnc. B08T-L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Mini SpringAir Core Inductors
Document 107-1
Document 107-1
Revised 10/29/08
SRF
DCR
Part
L2
Percent
Q4
min5
max6
Irms7 Weight
number1 Turns
(nH)
tol3
min (GHz) (mOhm)
(A)
(mg)
A01TKL_
1
2.5
10
145
12.5
1.1
4
31
A02T_L_
2
5.0
5,2
140
6.5
1.8
4
42
A03T_L_
3
8.0
5,2
140
5.0
2.6
4
52
A04T_L_
4
12.5
5,2
137
3.3
3.4
4
65
A05T_L_
5
18.5
5,2
132
2.5
3.9
4
78
B06T_L_
6
17.5
5,2
100
2.2
4.5
4
100
B07T_L_
7
22.0
5,2
102
2.1
5.2
4
110
B08T_L_
8
28.0
5,2
105
1.8
6.0
4
118
B09T_L_
9
35.5
5,2
112
1.5
6.8
4
133
B10T_L_
10
43.0
5,2
106
1.2
7.9
4
147
1. When ordering, please specify tolerance, termination and packaging codes:
A02T
GLC
Tolerance:
G =2% J = 5% K = 10% (Table shows stock tolerances in bold.)
Termination: L = RoHS compliant tin-silver (96.5/3.5) over copper.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging:
C =7
″ machine-ready reel. EIA-481 embossed plastic tape,
700 (AxxT) or 500 (BxxT) parts per full reel.
B = Less than full reel. In tape, but not machine-ready. To have
a leader and trailer added ($25 charge), use code letter C
instead.
D =13
″ machine-ready reel. EIA-481 embossed plastic tape.
Factory order only, not stocked, 2500 (AxxT) or 2200 (BxxT)
parts per full reel.
2. Inductance measured with an Agilent/HP 4286, a Coilcraft SMD-A and correlation.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured at 150 MHz using an Agilent/HP 4291A with an Agilent/HP 16193A
test fixture.
5. SRF tested on an Agilent/HP 8720D and a Coilcraft SMD-D test fixture.
6. DCR tested on the Cambridge Technology Model 510 Micro-ohmmeter.
7. Current that causes a 15°C temperature rise from 25°C ambient.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C302 contains 12 each of all 5% values.
Kit C302-2 contains12 each of all 2% values.
Terminations RoHS compliant tin-silver over copper. Other
terminations available at additional cost.
Ambient temperature –40°C to +125°C with
Irms current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging A0xT: 700/7
″ reel; 2500/13″ reel Plastic tape: 12 mm wide,
0.32 mm thick, 8 mm pocket spacing, 3.3 mm pocket depth
BxxT: 500/7
″ reel; 2200/13″ reel Plastic tape: 16 mm wide, 0.28 mm
thick, 8 mm pocket spacing, 3.4 mm pocket depth
PCB washing Only pure water or alcohol recommended
• Small air core inductors feature high Q and tight tolerances
• Acrylic jacket provides a flat top for pick and place
• Solder coated leads ensure reliable soldering
Recommended Land Patterns
135°
max
0° min
Strip
Length
Size A
Size B
0.110
2,79
0.110
2,79
0.235
5,97
0.115
2,92
0.050
1,27
0.050
1,27
0.130
3,30
0.130
3,30
Size A max
B
C max
D
E
F max
max
A
0.155
0.124
0.125
0.115
0.029
0.175
±0.010
±0.010
3,94
4,45
3,15
3,18 ±0,25
2,92 ±0,25
0,74
B
0.270
0.175
0.124
0.125 ±0.010 0.230 ±0.015
0.029
6,86
4,45
3,15
3,18 ±0,25
5,84 ±0,38
0,74
A
B
D
C
E
F
Encapsulant
Dimensions are in
inches
mm


Similar Part No. - B08T-L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
B08TFLB COILCRAFT-B08TFLB Datasheet
294Kb / 2P
   Mini Spring Air Core Inductors
B08TFLB COILCRAFT-B08TFLB Datasheet
294Kb / 2P
   Mini Spring Air Core Inductors
B08TFLB COILCRAFT-B08TFLB Datasheet
252Kb / 2P
   Mini Spring Air Core Inductors
B08TFLC COILCRAFT-B08TFLC Datasheet
252Kb / 2P
   Mini Spring Air Core Inductors
B08TFLD COILCRAFT-B08TFLD Datasheet
252Kb / 2P
   Mini Spring Air Core Inductors
More results

Similar Description - B08T-L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
A02TGLC COILCRAFT-A02TGLC Datasheet
252Kb / 2P
   Mini Spring Air Core Inductors
A03TJLC COILCRAFT-A03TJLC Datasheet
294Kb / 2P
   Mini Spring Air Core Inductors
A05TGLC COILCRAFT-A05TGLC Datasheet
294Kb / 2P
   Mini Spring Air Core Inductors
132-12SMJLD COILCRAFT-132-12SMJLD Datasheet
201Kb / 2P
   Maxi Spring Air Core Inductors
logo
XFMRS Inc.
XFA01TK XFMRS-XFA01TK Datasheet
75Kb / 1P
   Micro Spring Air Core Inductors
1812-47NJ XFMRS-1812-47NJ Datasheet
126Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-10SMG XFMRS-XF132-10SMG Datasheet
74Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-10SMJ XFMRS-XF132-10SMJ Datasheet
74Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-15SMJ XFMRS-XF132-15SMJ Datasheet
109Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-19SMJ XFMRS-XF132-19SMJ Datasheet
75Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com