Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82422A3391K100 Datasheet(PDF) 5 Page - EPCOS

Part # B82422A3391K100
Description  SMT inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82422A3391K100 Datasheet(HTML) 5 Page - EPCOS

  B82422A3391K100 Datasheet HTML 1Page - EPCOS B82422A3391K100 Datasheet HTML 2Page - EPCOS B82422A3391K100 Datasheet HTML 3Page - EPCOS B82422A3391K100 Datasheet HTML 4Page - EPCOS B82422A3391K100 Datasheet HTML 5Page - EPCOS B82422A3391K100 Datasheet HTML 6Page - EPCOS B82422A3391K100 Datasheet HTML 7Page - EPCOS B82422A3391K100 Datasheet HTML 8Page - EPCOS B82422A3391K100 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
06/09
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Closer tolerances and special versions on request.
Higher currents possible at temperatures <TR on request.
Sample kit available. Ordering code: B82422X100
For more information refer to chapter “Sample kits”.
1) Replace the + by the code letter for the required inductance tolerance.
For reel size
∅ 330 mm the last digit has to be an »8«. Example: B82422A3829K108
2) For Ni-barrier-plated terminals replace the last three digits “100” by “150” (reel 180 mm) or “158” (reel 330 mm).
LR
μH
Tolerance
fL
MHz
Qmin
fQ
MHz
IR
mA
Rmax
Ω
fres, min
MHz
Ordering code1)2)
(
∅ 180-mm reel)
Core material: ceramic
0.0082
±5% J
±10% K
10
20
100
800
0.08
4000
B82422A3829+100
0.010
10
20
100
750
0.09
4000
B82422A3100+100
0.012
10
25
100
700
0.10
3500
B82422A3120+100
0.015
10
27
100
640
0.12
3000
B82422A3150+100
0.018
10
30
100
640
0.12
2500
B82422A3180+100
0.022
10
30
100
600
0.14
2500
B82422A3220+100
0.027
10
23
50
600
0.14
1850
B82422A3270+100
0.033
10
20
50
540
0.17
1700
B82422A3330+100
0.039
10
25
50
530
0.18
1450
B82422A3390+100
0.047
10
26
50
510
0.19
1350
B82422A3470+100
0.056
10
26
50
500
0.20
1200
B82422A3560+100
0.068
10
27
50
480
0.21
1150
B82422A3680+100
0.082
10
27
50
450
0.24
1050
B82422A3820+100
0.10
10
25
50
440
0.26
1000
B82422A3101+100
0.12
1
22
30
400
0.32
880
B82422A3121+100
0.15
1
25
30
390
0.33
850
B82422A3151+100
0.18
1
25
30
360
0.38
800
B82422A3181+100
0.22
1
25
30
280
0.64
700
B82422A3221+100
0.27
1
20
30
235
0.90
650
B82422A3271+100
0.33
1
22
30
200
1.3
580
B82422A3331+100
0.39
1
22
30
190
1.4
540
B82422A3391+100
0.47
1
22
30
150
2.2
480
B82422A3471+100
0.56
1
22
30
150
2.2
400
B82422A3561+100
0.68
1
22
30
145
2.4
280
B82422A3681+100
0.82
1
22
30
140
2.5
240
B82422A3821+100
^
^
B82422A*100
SMT inductors, SIMID series
SIMID 1210-100


Similar Part No. - B82422A3391K100

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82422A3390J100 TDK-B82422A3390J100 Datasheet
146Kb / 2P
   Inductors (Coils)
B82422A3390J108 TDK-B82422A3390J108 Datasheet
146Kb / 2P
   Inductors (Coils)
B82422A3390K108 TDK-B82422A3390K108 Datasheet
146Kb / 2P
   Inductors (Coils)
More results

Similar Description - B82422A3391K100

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82422T1104J EPCOS-B82422T1104J Datasheet
486Kb / 9P
   SMT inductors
B82496C3180J000 EPCOS-B82496C3180J000 Datasheet
484Kb / 8P
   SMT inductors
B82432A EPCOS-B82432A Datasheet
141Kb / 8P
   SMT inductors
B82432T1102K000 EPCOS-B82432T1102K000 Datasheet
150Kb / 8P
   SMT inductors
B82442H1102K000 EPCOS-B82442H1102K000 Datasheet
168Kb / 9P
   SMT inductors
B82442H EPCOS-B82442H Datasheet
163Kb / 9P
   SMT inductors
B82496C3470J EPCOS-B82496C3470J Datasheet
484Kb / 8P
   SMT inductors
B82422H1473K EPCOS-B82422H1473K Datasheet
276Kb / 5P
   SMT Inductors
B82432A1104K EPCOS-B82432A1104K Datasheet
487Kb / 8P
   SMT inductors
B82442A1102K000 EPCOS-B82442A1102K000 Datasheet
180Kb / 9P
   SMT inductors
B82422T EPCOS-B82422T Datasheet
148Kb / 9P
   SMT inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com