Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

132-17SM-L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 132-17SM-L
Description  Maxi Spring??Air Core Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

132-17SM-L Datasheet(HTML) 1 Page - Coilcraft lnc.

  132-17SM-L Datasheet HTML 1Page - Coilcraft lnc. 132-17SM-L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2009
Specifications subject to change without notice.
Please check our website for latest information.
Maxi SpringAir Core Inductors
Document 185-1
Document 185-1
Revised 10/29/08
Inductance2
Percent
Q2
Q2
Test freq.
SRF min4
DCR max5
Irms6
Part number1
Turns
(nH)
tolerance3
typ
min
(MHz)
(GHz)
(mOhm)
(A)
132-09SM_L_
9
90
5,2
114
95
50
1.140
15
3.5
132-10SM_L_
10
111
5,2
104
87
50
1.020
15
3.5
132-11SM_L_
11
130
5,2
104
87
50
0.900
20
3.0
132-12SM_L_
12
169
5,2
114
95
50
0.875
25
3.0
132-13SM_L_
13
206
5,2
114
95
50
0.800
30
3.0
132-14SM_L_
14
222
5,2
110
92
50
0.730
35
3.0
132-15SM_L_
15
246
5,2
114
95
50
0.685
35
3.0
132-16SM_L_
16
307
5,2
114
95
50
0.660
35
3.0
132-17SM_L_
17
380
5,2
114
95
50
0.590
50
2.5
132-18SM_L_
18
422
5,2
114
95
50
0.540
60
2.5
132-19SM_L_
19
491
5,2
114
95
50
0.535
65
2.0
132-20SM_L_
20
538
5,2
104
87
50
0.490
90
2.0
1. When ordering, specify tolerance, termination and packaging codes:
132-20SM
GLD
Termination: L = RoHS compliant tin-silver (96.5/3.5) over copper.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Tolerance:
G =2%
J = 5%
Packaging:
D = 13
″ machine-ready reel. EIA-481 embossed plastic tape
(800 parts per full reel).
B = Less than full reel. In tape, but not machine-ready. To
have a leader and trailer added ($25 charge), use code
letter D instead.
2. Inductance and Q tested on the Agilent/HP 4291A with the 16193 fixture
and correlation.
3. Tolerances in bold are stocked for immediate shipment.
4. SRF tested on the Agilent/HP 8753D and the SMD-D test fixture.
5. DCR tested on the Cambridge Technology Model 510 Micro Ohmmeter.
6. Current that causes a 15°C temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
See Qualification Standards section for environmental and test data.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Weight
0.42 – 0.59 g
Terminations RoHS compliant tin-silver over copper. Other
terminations available at additional cost.
Ambient temperature –40°C to +125°C with
Irms current, +125°C
to +140°C with derated current
Storage temperature Component: –40°C to +140°C.
Packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +5 to +70 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
One per billion hours / one billion hours, calculated per Telcordia SR-332
Packaging 800/13
″ reel Plastic tape: 24 mm wide, 0.3 mm thick,
12 mm pocket spacing, 6.1 mm pocket depth
PCB washing Only pure water or alcohol recommended
• Air core inductors feature higher Q, L and current ratings
• Rigid package provides a flat surface for pick and place
• Leads are locked in position for precise terminal spacing


Similar Part No. - 132-17SM-L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
132-17SMGLB COILCRAFT-132-17SMGLB Datasheet
320Kb / 2P
   Maxi Spring Air Core Inductors
132-17SMGLB COILCRAFT-132-17SMGLB Datasheet
201Kb / 2P
   Maxi Spring Air Core Inductors
132-17SMGLD COILCRAFT-132-17SMGLD Datasheet
320Kb / 2P
   Maxi Spring Air Core Inductors
132-17SMGLD COILCRAFT-132-17SMGLD Datasheet
201Kb / 2P
   Maxi Spring Air Core Inductors
132-17SMGLD COILCRAFT-132-17SMGLD Datasheet
455Kb / 2P
   Maxi Spring??Air Core Inductors
More results

Similar Description - 132-17SM-L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
132-12SMJLD COILCRAFT-132-12SMJLD Datasheet
201Kb / 2P
   Maxi Spring Air Core Inductors
132-20SMGLD COILCRAFT-132-20SMGLD Datasheet
320Kb / 2P
   Maxi Spring Air Core Inductors
132-09SMGLD COILCRAFT-132-09SMGLD_15 Datasheet
455Kb / 2P
   Maxi Spring??Air Core Inductors
logo
XFMRS Inc.
XFA01TK XFMRS-XFA01TK Datasheet
75Kb / 1P
   Micro Spring Air Core Inductors
logo
Coilcraft lnc.
A01TKL COILCRAFT-A01TKL Datasheet
240Kb / 2P
   Mini Spring??Air Core Inductors
logo
XFMRS Inc.
1812-47NJ XFMRS-1812-47NJ Datasheet
126Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-10SMG XFMRS-XF132-10SMG Datasheet
74Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-10SMJ XFMRS-XF132-10SMJ Datasheet
74Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-15SMJ XFMRS-XF132-15SMJ Datasheet
109Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
XF132-19SMJ XFMRS-XF132-19SMJ Datasheet
75Kb / 1P
   MICRO SPRING AIR CORE INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com