Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6303 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FMS6303
Description  Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6303 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FMS6303 Datasheet HTML 1Page - Fairchild Semiconductor FMS6303 Datasheet HTML 2Page - Fairchild Semiconductor FMS6303 Datasheet HTML 3Page - Fairchild Semiconductor FMS6303 Datasheet HTML 4Page - Fairchild Semiconductor FMS6303 Datasheet HTML 5Page - Fairchild Semiconductor FMS6303 Datasheet HTML 6Page - Fairchild Semiconductor FMS6303 Datasheet HTML 7Page - Fairchild Semiconductor FMS6303 Datasheet HTML 8Page - Fairchild Semiconductor FMS6303 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6303 • Rev. 1.0.1
5
High-Definition (1080i) Electrical Characteristic
Unless otherwise noted, TA=25°C, VCC=5V, RSOURCE=37.5Ω, inputs AC coupled with 0.1µF, all outputs AC coupled
with 220µF into 150
Ω loads, referenced to 400kHz.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
AVHD
Channel Gain Error
(7)
DC
-0.2
0
0.2
dB
f1dBHD
-1dB Bandwidth
(7)
28
30
MHz
fcHD
-3dB Bandwidth
(7)
30
32
MHz
fSBHD
Attenuation (Stopband
Reject)
(7)
f=74.25MHz
30
40
dB
THD
Total Harmonic
Distortion, Output
VOUT=1.4VPP, 22MHz, 6dB, 150Ω Load
0.5
%
1MHz
-72
dB
XTALKHD
Crosstalk (ch-to-ch)
30MHz
-63
dB
SNR
Signal-to-Noise Ratio
(8)
Unweighted, 100kHz to 30MHz
66
dB
tpdHD
Propagation Delay
Delay from Input to Output, 20MHz
17
ns
Notes:
7.
100% tested at 25°C.
8.
SNR=20 • log (714mV / rms noise).
High-Definition (1080p) Electrical Characteristics
Unless otherwise noted, TA=25°C, VCC=5V, RSOURCE=37.5Ω, inputs AC coupled with 0.1µF, all outputs AC coupled
with 220µF into 150
Ω loads, referenced to 400kHz.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
AVHD
Channel Gain Error
(9)
DC
-0.2
0
0.2
dB
f1dBHD
-1dB Bandwidth
(9)
50
55
MHz
fcHD
-3dB Bandwidth
(9)
60
65
MHz
fsbHD
Attenuation (Stopband
Reject)
(9)
f=148MHz
15
23
dB
THD
Total Harmonic
Distortion, Output
VOUT=1.4VPP, 44MHz, 6dB, 150Ω Load
0.5
%
1MHz
-78
dB
XTALKHD
Crosstalk (ch-to-ch)
60MHz
-62
dB
SNR
Signal-to-Noise Ratio
(10)
Unweighted, 100kHz to 60MHz
69
dB
tpdHD
Propagation Delay
Delay from Input to Output, 20MHz
8
ns
Notes:
9.
100% tested at 25°C.
10. SNR=20 • log (714mV / rms noise).


Similar Part No. - FMS6303

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FMS6303 ONSEMI-FMS6303 Datasheet
906Kb / 14P
   Low-Cost, 3-Channel, Video Filter Driver
February 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FMS6303MTC1406X FAIRCHILD-FMS6303MTC1406X Datasheet
768Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
logo
ON Semiconductor
FMS6303MTC1406X ONSEMI-FMS6303MTC1406X Datasheet
906Kb / 14P
   Low-Cost, 3-Channel, Video Filter Driver
February 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FMS6303 FAIRCHILD-FMS6303_12 Datasheet
768Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
More results

Similar Description - FMS6303

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6303 FAIRCHILD-FMS6303_12 Datasheet
768Kb / 12P
   Low-Cost, 3-Channel, Video Filter Driver for SD/ED/HD (1080i)/HD (1080P)
FMS6203 FAIRCHILD-FMS6203_07 Datasheet
472Kb / 9P
   Low-Cost, 3-Channel Video Filter Driver for SD/PS/HD
logo
ON Semiconductor
FMS6646 ONSEMI-FMS6646 Datasheet
912Kb / 14P
   Six Channel, SD/HD 1080p Video Filter Driver
May 2011 Rev. 1.0.3
FMS6203 ONSEMI-FMS6203 Datasheet
657Kb / 10P
   Low-Cost, 3-Channel, Video Filter Driver for SD/PS/HD
August 2009 Rev. 1.0.4
logo
Fairchild Semiconductor
FMS6646 FAIRCHILD-FMS6646 Datasheet
1,011Kb / 12P
   Six Channel, SD/HD (1080p) Video Filter Driver
FMS6646 FAIRCHILD-FMS6646_09 Datasheet
446Kb / 12P
   Six Channel, SD/HD 1080p Video Filter Driver
FMS6203_0611 FAIRCHILD-FMS6203_0611 Datasheet
303Kb / 9P
   Low-Cost 3-Channel Video Filter Driver for SD/PS/HD
logo
Analog Devices
ADA4420-6 AD-ADA4420-6 Datasheet
280Kb / 12P
   Low Cost 6-Channel HD/SD Video Filter
REV. 0
logo
Fairchild Semiconductor
FMS6203 FAIRCHILD-FMS6203 Datasheet
82Kb / 7P
   Low-cost 3-Channel Video Filter Drivers for SD/PS/HD
logo
SG Micro Corp
SGM9134 SGMICRO-SGM9134 Datasheet
330Kb / 12P
   4-Channel, Video Filter Driver for SD/HD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com