Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82131A5701M000 Datasheet(PDF) 4 Page - EPCOS

Part # B82131A5701M000
Description  Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82131A5701M000 Datasheet(HTML) 4 Page - EPCOS

  B82131A5701M000 Datasheet HTML 1Page - EPCOS B82131A5701M000 Datasheet HTML 2Page - EPCOS B82131A5701M000 Datasheet HTML 3Page - EPCOS B82131A5701M000 Datasheet HTML 4Page - EPCOS B82131A5701M000 Datasheet HTML 5Page - EPCOS B82131A5701M000 Datasheet HTML 6Page - EPCOS B82131A5701M000 Datasheet HTML 7Page - EPCOS B82131A5701M000 Datasheet HTML 8Page - EPCOS B82131A5701M000 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
03/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Mounting information
When bending the leads, take care that the bending point is at least 3 mm apart from the face ends
of the core and that the start-of-winding areas are not subjected to any mechanical stress.
Test voltage Vtest
2500 V AC, 1 min
Rated inductance LR
Measured with LCR meter Agilent 4284A
or impedance analyzer Agilent 4294A
Measuring frequency:
LR ≤ 10 µH=
1 MHz
10
µH < L
R ≤ 1000 µH = 100 kHz
Measuring voltage:
1 V
Measuring temperature: 20 °C
Inductance tolerance
±20%
Rated temperature TR
60 °C
Rated current IR
Maximum permissible DC current at rated temperature
DC resistance Rtyp
Measured at 20
°C, tolerance ±20%, typical values
Resonance frequency fres
Measured with Agilent 4294A or 8753ES, 20 °C,
tolerance
±30%
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: (245
±5) °C, (3 ±0.3) s
Wetting of soldering area
≥ 90%
(to IEC 60068-2-20, test Ta)
Resistance to soldering heat
(wave soldering)
(260
±5) °C, 10 s
(to IEC 60068-2-20, test Tb)
Tensile strength of leads
≥ 30 N (to IEC 60068-2-21, test Ua)
Climatic category
55/125/56 (to IEC 60068-1)
Storage conditions
Mounted:
–55 °C … +125 °C
Packaged: –25 °C … +40 °C,
≤ 75% RH
B82131 … B82134
VHF chokes


Similar Part No. - B82131A5701M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82131A5701M000 EPCOS-B82131A5701M000 Datasheet
108Kb / 7P
   Chokes and inductors
logo
TDK Electronics
B82131A5701M000 TDK-B82131A5701M000 Datasheet
554Kb / 9P
   VHF chokes
More results

Similar Description - B82131A5701M000

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJEA3R3KF PANASONIC-ELJEA3R3KF Datasheet
79Kb / 2P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com