Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B66506P0000X197 Datasheet(PDF) 2 Page - EPCOS

Part # B66506P0000X197
Description  Ferrites and accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66506P0000X197 Datasheet(HTML) 2 Page - EPCOS

  B66506P0000X197 Datasheet HTML 1Page - EPCOS B66506P0000X197 Datasheet HTML 2Page - EPCOS B66506P0000X197 Datasheet HTML 3Page - EPCOS B66506P0000X197 Datasheet HTML 4Page - EPCOS B66506P0000X197 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Core set EEQ 30
Combination: EQ 30/8 with EQ 30/8
To IEC 62317-9
Optimized cross section
Small overall footprint (core and winding)
Less EMI
Minimized winding length
Delivery mode: single units
Magnetic characteristics (per set)
Σl/A = 0.426 mm–1
le
= 46 mm
Ae
= 108 mm2
Amin = 95 mm2
Ve
= 4970 mm3
Approx. weight: 23 g/set
Ungapped
Material
AL value
nH
µ
e
PV
W/set
Ordering code
N92
3270
±25%
1110
< 4.25 (200 mT, 100 kHz, 100 °C)
B66506G0000X192
N49
3330
±25%
1130
< 1.43 ( 50 mT, 500 kHz, 100 °C)
B66506G0000X149
N87
4300
±25%
1470
< 2.70 (200 mT, 100 kHz, 100 °C)
B66506G0000X187
N97
4500
±25%
1540
< 2.50 (200 mT, 100 kHz, 100 °C)
B66506G0000X197
EQ 30/8
FEK0446-F
30±0.4
ø26±0.4
ø11±0.2
19.45±0.4
B66506
Core
EQ 30/8


Similar Part No. - B66506P0000X197

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66506P0000X197 EPCOS-B66506P0000X197 Datasheet
237Kb / 8P
   Ferrites and accessories
More results

Similar Description - B66506P0000X197

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com