Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPO1704-103ML Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # LPO1704-103ML
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

LPO1704-103ML Datasheet(HTML) 1 Page - Coilcraft lnc.

  LPO1704-103ML Datasheet HTML 1Page - Coilcraft lnc. LPO1704-103ML Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2006
Specifications subject to change without notice.
Please check our website for latest information.
SMTPowerInductors-LPO1704Series
Document 233-1
Document 233-1
Revised 01/27/05
Measuring just 1 mm high, the
LPO1704 is the world’s lowest pro-
file power inductor!
This series has been specially de-
signed for applications requiring the
smallest possible footprint and low-
est height: notebook computers,
PDAs, PC Cards, mobile phones and
other handheld products.
The specially designed ceramic case totally protects the
winding while the flat top provides the best possible
surface for pick and place handling.
1L2
DCR
SRF
1±20%
max
typ
2Isat3 3Irms4
1Part number1
(µH) (Ohms)
(MHz)
(A)
(A)
LPO1704-122ML_
1.2
0.08
190
2.1
1.7
LPO1704-152ML_
1.5
0.10
140
1.9
1.5
LPO1704-222ML_
2.2
0.12
115
1.6
1.4
LPO1704-332ML_
3.3
0.16
90
1.3
1.2
LPO1704-472ML_
4.7
0.20
88
1.1
1.1
LPO1704-682ML_
6.8
0.32
66
0.90
0.85
LPO1704-103ML_
10
0.41
55
0.80
0.75
LPO1704-153ML_
15
0.55
42
0.65
0.60
LPO1704-223ML_
22
0.85
38
0.50
0.52
LPO1704-333ML_
33
1.3
29
0.40
0.42
LPO1704-473ML_
47
1.8
22
0.35
0.36
LPO1704-683ML_
68
2.5
18
0.30
0.30
LPO1704-104ML_
100
3.5
14
0.25
0.26
LPO1704-154ML_
150
5.0
12
0.18
0.21
LPO1704-224ML_
220
7.0
10
0.16
0.18
LPO1704-334ML_
330
15.0
8
0.13
0.13
1. When ordering, please specify packaging code:
LPO1704-334ML
C
Packaging: C =7
″ machine-ready reel. EIA-481 embossed plastic
tape (1000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
2. Tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DC current at which the inductance drops 10% (typ) from its value
without current.
4. Average current for a 40°C rise above 25°C ambient.
5. Operating temperature range -40°C to +85°C.
6. Electrical specifications at 25°C.
See Qualification Standards section for environmental and test data.
We now offer an improved version of
this series: LPO6610.
It has identical electrical specifications and footprint,
and comes in a more robust package that features part
identification marking. We will, however, continue to
produce the LPO1704 indefinitely.


Similar Part No. - LPO1704-103ML

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LPO1704-472M AD-LPO1704-472M Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
More results

Similar Description - LPO1704-103ML

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com