Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B66433G0000X172 Datasheet(PDF) 2 Page - EPCOS

Part # B66433G0000X172
Description  Ferrites and accessories
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66433G0000X172 Datasheet(HTML) 2 Page - EPCOS

  B66433G0000X172 Datasheet HTML 1Page - EPCOS B66433G0000X172 Datasheet HTML 2Page - EPCOS B66433G0000X172 Datasheet HTML 3Page - EPCOS B66433G0000X172 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 62317-7
Round center leg particularly suitable
for use of thick winding wires or tapes
For compact winding design with
low leakage inductance
Delivery mode: single units
Magnetic characteristics (per set)
Σl/A= 0.88 mm–1
le
= 75.0 mm
Ae
= 85.4 mm2
Amin = 77.0 mm2
Ve
= 6400 mm3
Approx. weight 32 g/set
Ungapped
Material
AL value
nH
µ
e
PV
W/set
Ordering code
N72
2700 +30/–20%
1890
< 0.80 (200 mT, 25 kHz, 100 °C)
B66433G0000X172
FEK0318-4
9,9±0,25
28,55±0,55
21,75±0,5
B66433
ER 28, ER 35 through ER 54
Core
ER 28/17/11


Similar Part No. - B66433G0000X172

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66433G0000X172 EPCOS-B66433G0000X172 Datasheet
207Kb / 7P
   Ferrites and accessories
B66433G0000X172 EPCOS-B66433G0000X172_13 Datasheet
207Kb / 7P
   Ferrites and accessories
More results

Similar Description - B66433G0000X172

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com